Electronic Components Datasheet Search
  English  ▼

X  

AT050 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # AT050
Description  Accessories Hardware
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT050 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button AT050 Datasheet HTML 4Page - List of Unclassifed Manufacturers AT050 Datasheet HTML 5Page - List of Unclassifed Manufacturers AT050 Datasheet HTML 6Page - List of Unclassifed Manufacturers AT050 Datasheet HTML 7Page - List of Unclassifed Manufacturers AT050 Datasheet HTML 8Page - List of Unclassifed Manufacturers AT050 Datasheet HTML 9Page - List of Unclassifed Manufacturers AT050 Datasheet HTML 10Page - List of Unclassifed Manufacturers AT050 Datasheet HTML 11Page - List of Unclassifed Manufacturers AT050 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
Accessories & Hardware
www.nkk.com
Y9
Y
AT401A/H/S
Splashproof Boot Assembly
Hex Nut Material & Finish:
Nickel plated brass
O-ring Material:
Nitrile butadiene rubber
Series: M P S WT
AT401P
O-ring
Nitrile butadiene rubber
Color: A
Series: M MB20 TL WB WT
AT402
Splashproof Boot
Silicon rubber for A C E F
Ethylene propylene rubber for H
Colors: A C E F H
Series: M P S
AT402S
Splashproof Boot
Silicon rubber
Color: A
Series: M
AT405
Solid Color Rocker
Polycarbonate
Colors: A B C D E F G
Series: MLW
(18.0) Dia
.709
(10.4)
.409
(14.4)
.567
(18.4)
.724
M12 P1
(8.0) Dia
.315
(10.5)
.413
(15.6)
.614
(12.6)
.496
(16.0)
.630
(13.5)
.531
(1.5)
.059
(12.1) Dia
.476
(17.5) Dia
.689
(8.0) Dia
.315
M12 P1
(18.0) Dia
.709
(15.3)
.602
(19.3)
.760
(23.3)
.917
Color Codes:
A Black
B White
C Red
D Amber
E Yellow
F Green
G Blue
H Gray
J Clear
AT400s
Switch Installation Instructions
1. Install switch bushing into mounting hole of panel from the back and
adjust bushing to protrude 3.5 ~ 5.5mm (.138 ~ .217”) above panel.
2. Install boot over bushing and tighten with hex nut.
Non-Splashproof Switches
M, P or S Toggles with 12mm Bushings
Splashproof Switches
S1AW ~ S29AW S Toggles
WT Toggles or M Toggle with B3 Bushing
Use boot, nut and o-ring as shown. Use lockwasher and
hexagon nut (from standard switch hardware) behind panel.
Use boot, nut and o-ring as shown. Use o-ring only (from standard switch
hardware) behind panel.
For 12mm Bushings in M, P, S and WT Toggles
AT401A for Oil Resistance
Boot Material: Black nitrile butadiene rubber
AT401H for Dust & Ozone Resistance
Boot Material: Gray ethylene propylene rubber
AT401S for Flexibility, Resilience, and Tensile Strength over Wide
Temperature Range
Boot Material: Black silicone rubber
Boot Assembly Instructions
1. After mounting boot AT401 over toggle, press into place.
2. Be sure boot is pressed evenly and firmly down at or below height A
as shown.
(10.0)
.394
(16.0) Dia
.630
(17.0) Dia
.669
(14.0) Dia
.157
(1.5)
.059
(12.1) Dia
.476
(17.5) Dia
.689
Press Boot
Down Firmly
Around Toggle
A
(3.5 ~ 5.5)
.138 ~ .217
Boot
Hex Nut
O-ring
Panel
Panel
Thickness
Range
(3.5 ~ 5.5)
.138 ~ .217
Boot
Hex Nut
O-ring
Panel
Panel
Thickness
Range
(3.5 ~ 5.5)
.138 ~ .217
Boot
Hex Nut
O-ring
Panel
Panel
Thickness
Range
(17.0)
.669
(4.7)
.185
M12 P1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com