Electronic Components Datasheet Search
  English  ▼

X  

LL4151 Datasheet(PDF) 1 Page - Shanghai Lunsure Electronic Tech

Part # LL4151
Description  SMALL SIGNAL SWITCHING DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENYI [Shanghai Lunsure Electronic Tech]
Direct Link  http://www.cnelectr.com
Logo CHENYI - Shanghai Lunsure Electronic Tech

LL4151 Datasheet(HTML) 1 Page - Shanghai Lunsure Electronic Tech

  LL4151 Datasheet HTML 1Page - Shanghai Lunsure Electronic Tech LL4151 Datasheet HTML 2Page - Shanghai Lunsure Electronic Tech LL4151 Datasheet HTML 3Page - Shanghai Lunsure Electronic Tech  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CE
LL4151
CHENYI ELECTRONICS
SMALL SIGNAL SWITCHING DIODE
FEATURES
. Silicon epitaxial planar diode
. Fast swithching diodes
. 500mW power dissipation
. The diode is also available in the DO-35 case with the type
designation 1N4151
MECHANICAL DATA
. Case: MinMelf glass case(SOD- 80)
. Weight: Approx. 0.05gram
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Ratings at 25
ambient temperature unless otherwise specified)
Symbol
Value
Units
Reverse voltage
VR
50
Volts
Peak reverse voltage
VRM
75
Volts
Average rectified current, Half wave rectification with
IAV
1501)
mA
Resistive load at TA=25
and F 50Hz
Surge forward current at t<1S and TJ=25
IFSM
500
mA
Power dissipation at TA=25
Ptot
5001)
mW
Junction temperature
TJ
175
Storage temperature range
TSTG
-65 to + 175
1)Valid provided that at a distance of 8mm from case are kept at ambient temperature(DO-35)
ELECTRICAL CHARACTERISTICS
(Ratings at 25
ambient temperature unless otherwise specified)
Symbols
Min.
Typ.
Max.
Units
Forward voltage
VF
1
Volts
Leakage current
at VR=50V
IR
50
nA
at VR=20V, TJ=150
IR
50
A
Junction capacitance at VR=VF=0V
CJ
75
2
pF
Reverse breakdown voltage tested with 5 A
V(BR)R
V
Reverse recovery time from IF=10mA to IR=1mA,
trr
4
ns
from IF=10mA to IR=1mA VR=6V, RL=100
trr
2
ns
Thermal resistance junction to ambient
R JA
3501)
K/W
Rectification efficience at f=100MHz,VRF=2V
0.45
1)Valid provided that leads at a distance of 8mm from case are kept at ambient temperature(DO-35)
Copyright @ 2000 SHANGHAI CHENYI ELECTRONICS CO.,LTD
Page 1 of 3


Similar Part No. - LL4151

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LL4151 VISHAY-LL4151 Datasheet
51Kb / 4P
Silicon Epitaxial Planar Diodes
01-Apr-99
logo
Diodes Incorporated
LL4151 DIODES-LL4151 Datasheet
49Kb / 1P
SURFACE MOUNT FAST SWITCHING DIODE
DS30070 Rev. B-2
logo
General Semiconductor
LL4151 GE-LL4151 Datasheet
146Kb / 4P
Small Signal Diodes
logo
Diotec Semiconductor
LL4151 DIOTEC-LL4151 Datasheet
172Kb / 2P
Surface Mount Silicon Planar Diodes
LL4151 DIOTEC-LL4151 Datasheet
103Kb / 2P
Ultrafast Switching Surface Mount Si-Planar Diodes
More results

Similar Description - LL4151

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
1N4148 CHENYI-1N4148 Datasheet
188Kb / 3P
SMALL SIGNAL SWITCHING DIODE
logo
Micro Commercial Compon...
MMBD6050 MCC-MMBD6050 Datasheet
170Kb / 3P
Small-Signal Switching Diode
logo
Leshan Radio Company
LSD2004LT1 LRC-LSD2004LT1 Datasheet
39Kb / 2P
Small-Signal Switching Diode
logo
Comchip Technology
CDSV6-99SD-G COMCHIP-CDSV6-99SD-G Datasheet
508Kb / 2P
Small-Signal Switching Diode
logo
Galaxy Semi-Conductor H...
BAV17 BILIN-BAV17 Datasheet
101Kb / 2P
SMALL SIGNAL SWITCHING DIODE
1SS141 BILIN-1SS141 Datasheet
54Kb / 1P
SMALL SIGNAL SWITCHING DIODE
LL4151 BILIN-LL4151 Datasheet
121Kb / 3P
SMALL SIGNAL SWITCHING DIODE
logo
Vishay Siliconix
1N4150W-V VISHAY-1N4150W-V Datasheet
122Kb / 4P
Small Signal Switching Diode
21-Jul-05
BA604 VISHAY-BA604_08 Datasheet
224Kb / 4P
Small Signal Switching Diode
26-Jul-06
logo
Kwang Myoung I.S. CO.,L...
1SS244 KISEMICONDUCTOR-1SS244 Datasheet
98Kb / 2P
SMALL SIGNAL SWITCHING DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com