Electronic Components Datasheet Search
  English  ▼

X  

LL4448 Datasheet(PDF) 1 Page - Shanghai Lunsure Electronic Tech

Part # LL4448
Description  SMALL SIGNAL SWITCHING DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENYI [Shanghai Lunsure Electronic Tech]
Direct Link  http://www.cnelectr.com
Logo CHENYI - Shanghai Lunsure Electronic Tech

LL4448 Datasheet(HTML) 1 Page - Shanghai Lunsure Electronic Tech

  LL4448 Datasheet HTML 1Page - Shanghai Lunsure Electronic Tech LL4448 Datasheet HTML 2Page - Shanghai Lunsure Electronic Tech LL4448 Datasheet HTML 3Page - Shanghai Lunsure Electronic Tech  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CE
LL4448
CHENYI ELECTRONICS
SMALL SIGNAL SWITCHING DIODE
FEATURES
. Silicon epitaxial planar diode
Mini-MELF
. Fast swithching diodes
. 500mW power dissipation
. The diode is also available in the DO-35 case with the type
designation 1N4448
MECHANICAL DATA
. Case: MinMelf glass case(SOD- 80)
Dimensions in inches and (millimeters)
. Weight: Approx. 0.05gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Ratings at 25
ambient temperature unless otherwise specified)
Symbol
Value
Units
Reverse voltage
VR
75
Volts
Peak reverse voltage
VRM
100
Volts
Average rectified current, Half wave rectification with
IAV
1501)
mA
Resistive load at TA=25
and F 50Hz
Surge forward current at t<1S and TJ=25
IFSM
500
mW
Power dissipation at TA=25
Ptot
5001)
mW
Junction temperature
TJ
175
Storage temperature range
TSTG
-65 to + 175
1)Valid provided that at a distance of 8mm from case are kept at ambient temperature(DO-35)
ELECTRICAL CHARACTERISTICS
(Ratings at 25
ambient temperature unless otherwise specified)
Symbol
Min.
Typ.
Max.
Units
Forward voltage
at IF=5mA
VF
0.62
0.72
V
at IF=10mA
VF
1
V
Leakage current
at VR=20V
IR
25
nA
at VR=75V
IR
5
A
at VR=20V, TJ=150
IR
50
A
Junction capacitance at VR=VF=0V
CJ
4
pF
Reverse breakdown voltage tested with 100 A pluse
V(BR)R
100
V
Reverse recovery time from IF=10mA to IR=1mA,
4
VR=6V, RL=100
Thermal resistance junction to ambient
R JA
3501)
K/W
Rectification efficience at f=100MHz,VRF=2V
0.45
1)Valid provided that leads at a distance of 8mm from case are kept at ambient temperature(DO-35)
trr
ns
Copyright @ 2000 SHANGHAI CHENYI ELECTRONICS CO.,LTD
Page 1 of 3


Similar Part No. - LL4448

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LL4448 VISHAY-LL4448 Datasheet
292Kb / 5P
Small Signal Fast Switching Diodes
24-Mar-06
logo
Zowie Technology Corpor...
LL4448 ZOWIE-LL4448 Datasheet
43Kb / 2P
SILICON EPITAXIAL PLANAR DIODES
logo
Semtech Corporation
LL4448 SEMTECH-LL4448 Datasheet
261Kb / 4P
Silicon Expitaxial Planar Diode?
logo
Diodes Incorporated
LL4448 DIODES-LL4448 Datasheet
57Kb / 2P
FAST SWITCHING SURFACE MOUNT DIODE
DS12013 Rev. F-2
logo
Formosa MS
LL4448 FORMOSA-LL4448 Datasheet
63Kb / 2P
Silicon epitaxial planar type
More results

Similar Description - LL4448

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
1N4148 CHENYI-1N4148 Datasheet
188Kb / 3P
SMALL SIGNAL SWITCHING DIODE
logo
Micro Commercial Compon...
MMBD6050 MCC-MMBD6050 Datasheet
170Kb / 3P
Small-Signal Switching Diode
logo
Leshan Radio Company
LSD2004LT1 LRC-LSD2004LT1 Datasheet
39Kb / 2P
Small-Signal Switching Diode
logo
Comchip Technology
CDSV6-99SD-G COMCHIP-CDSV6-99SD-G Datasheet
508Kb / 2P
Small-Signal Switching Diode
logo
Galaxy Semi-Conductor H...
BAV17 BILIN-BAV17 Datasheet
101Kb / 2P
SMALL SIGNAL SWITCHING DIODE
1SS141 BILIN-1SS141 Datasheet
54Kb / 1P
SMALL SIGNAL SWITCHING DIODE
LL4151 BILIN-LL4151 Datasheet
121Kb / 3P
SMALL SIGNAL SWITCHING DIODE
logo
Vishay Siliconix
1N4150W-V VISHAY-1N4150W-V Datasheet
122Kb / 4P
Small Signal Switching Diode
21-Jul-05
BA604 VISHAY-BA604_08 Datasheet
224Kb / 4P
Small Signal Switching Diode
26-Jul-06
logo
Kwang Myoung I.S. CO.,L...
1SS244 KISEMICONDUCTOR-1SS244 Datasheet
98Kb / 2P
SMALL SIGNAL SWITCHING DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com