Electronic Components Datasheet Search
  English  ▼

X  

U74AHCT1G02L-AE5-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74AHCT1G02L-AE5-R
Description  2-INPUT NOR GATE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74AHCT1G02L-AE5-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U74AHCT1G02L-AE5-R Datasheet HTML 1Page - Unisonic Technologies U74AHCT1G02L-AE5-R Datasheet HTML 2Page - Unisonic Technologies U74AHCT1G02L-AE5-R Datasheet HTML 3Page - Unisonic Technologies U74AHCT1G02L-AE5-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74AHCT1G02
CMOS IC
www.unisonic.com.tw
1 of 4
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R502-135.D
2-INPUT NOR GATE
DESCRIPTION
The U74AHCT1G02 is a single 2-input NOR gate which provides
the Function.
FEATURES
* Operation Voltage Range: 2.0~5.5V
* Low Power Dissipation
* High noise immunity
*Balanced propagation delays
*Specified from -40 to +125℃
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
U74AHCT1G02L-AE5-R
U74AHCT1G02G-AE5-R
SOT-23-5
Tape Reel
U74AHCT1G02L-AF5-R
U74AHCT1G02G-AF5-R
SOT-25
Tape Reel
U74AHCT1G02L-AL5-R
U74AHCT1G02G-AL5-R
SOT-353
Tape Reel
MARKING
T02
3
2
1
4
5
G: Halogen Free
L:Lead Free


Similar Part No. - U74AHCT1G02L-AE5-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74AHCT1G00 UTC-U74AHCT1G00 Datasheet
150Kb / 4P
2-INPUT NAND GATE
U74AHCT1G00G-AE5-R UTC-U74AHCT1G00G-AE5-R Datasheet
181Kb / 4P
2-INPUT NAND GATE
U74AHCT1G00G-AF5-R UTC-U74AHCT1G00G-AF5-R Datasheet
181Kb / 4P
2-INPUT NAND GATE
U74AHCT1G00G-AL5-R UTC-U74AHCT1G00G-AL5-R Datasheet
181Kb / 4P
2-INPUT NAND GATE
U74AHCT1G00 UTC-U74AHCT1G00_15 Datasheet
181Kb / 4P
2-INPUT NAND GATE
More results

Similar Description - U74AHCT1G02L-AE5-R

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7S02F TOSHIBA-TC7S02F Datasheet
212Kb / 5P
2-INPUT NOR GATE
TC7SET02F TOSHIBA-TC7SET02F Datasheet
165Kb / 5P
2-INPUT NOR GATE
logo
Renesas Technology Corp
HD74ALVC1G02 RENESAS-HD74ALVC1G02 Datasheet
78Kb / 10P
2-input NOR Gate
logo
Unisonic Technologies
U74HC2G02 UTC-U74HC2G02 Datasheet
96Kb / 5P
2-INPUT NOR GATE
logo
Toshiba Semiconductor
TC7SG02FE TOSHIBA-TC7SG02FE Datasheet
166Kb / 6P
2 Input NOR Gate
logo
Renesas Technology Corp
HD74LV1G02A RENESAS-HD74LV1G02A_08 Datasheet
106Kb / 8P
2-input NOR Gate
HD74UH02 RENESAS-HD74UH02 Datasheet
142Kb / 7P
2-input NOR Gate
logo
Unisonic Technologies
U74HC2G02 UTC-U74HC2G02_15 Datasheet
151Kb / 5P
2-INPUT NOR GATE
logo
Nexperia B.V. All right...
74AHC1G02-Q100 NEXPERIA-74AHC1G02-Q100 Datasheet
680Kb / 12P
2-input NOR gate
XC7SH02 NEXPERIA-XC7SH02 Datasheet
202Kb / 11P
2-input NOR gate
Rev. 2 - 12 January 2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com