Electronic Components Datasheet Search
  English  ▼

X  

CFM1003S Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CFM1003S
Description  10/15 WATT OPEN FRAME AC-DC MODULES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CFM1003S Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CFM1003S Datasheet HTML 1Page - List of Unclassifed Manufacturers CFM1003S Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CFM10 Series
CFM15 Series
Specifications
INPUT SPECIFICATIONS:
Voltage ......................................................................................85 ~ 264Vac
Frequency .....................................................................................47 to 63Hz
Inrush Current................................................................20A max. @ 115Vac
40A max. @ 230Vac
Conducted EMI...............................................................CISPR/FCC Class B
Isolation ............................................................ lnput to output =4,242VDC
Leakage Current.......................................................................0.25mA max
OUTPUT SPECIFICATIONS:
Holdup Time ..................................................................16mS typ. @115Vac
Short Circuit Protection ..............................................................Continuous
Temperature Coefficient .............................................................0.05% / ˚C
ENVIRONMENTAL CHARACTERISTICS:
Operating Temperature ................................................................. 0 ~ 40˚C
Storage Temperature ...................................................................-20 ~ 85˚C
Cooling .........................................................................Natural Convection
NOTE:
1. Add a 0.1uF ceramic capacitor and a 10uF E.L. capacitor to output for Ripple &
Noise measuring @20MHz BW.
2. Line regulation is measured from hign line to low line with full load.
3. Load regulation is measured from full to 10% load
MECHANICAL CHARACTERISTICS:
Dimensions ........CFM10: 65.00 x 45.00 x 23.00mm(2.559 x 1.772 x 0.906 Inches)
CFM15: 69.90 x 48.00 x 23.00mm(2.752 x 1.890 x 0.906 Inches)
Weight ................................................................CFM10: 60g (0.13 Pounds)
CFM15: 80g (0.18 Pounds)
CFM10/15 Series Derating Curve
0%
25%
50%
75%
100%
0
10
20
30
40
50
70
60
Ambient Temperature(˚C)
20LFM(Natural Convection)
0%
20%
40%
60%
80%
100%
0
10
20
30
40
50
60
Ambient Temperature(˚C)
20LFM(Natural Convection)
Typical at 25˚C, nominal line and 75% load, unless otherwise Specified
CFM10/15
10/15 WATT OPEN FRAME
AC-DC MODULES
S
E
R
I
E
S
E176177
®
US
CFM1501S
CFM1502S
CFM1503S
CFM1505S
CFM1507S
CFM1509S
5 V
12 V
15 V
24 V
3.3 V
9 V
0A
0A
0A
0A
0A
0A
3000mA
1250mA
1000mA
630mA
3000mA
1670mA
1%
1%
1%
1%
50mV
1%
± 1%
± 1%
± 1%
± 1%
± 1%
± 1%
± 0.5%
± 0.5%
± 0.5%
± 0.5%
± 0.5%
± 0.5%
± 1%
± 1%
± 1%
± 1%
± 1%
± 1%
74% Typ.
80% Typ.
81% Typ.
83% Typ.
69% Typ.
76% Typ.
MODEL
OUTPUT
VOLTAGE
VOLTAGE
ACCURACY
MAX.
LOAD
MIN.
LOAD
RIPPLE &
NOISE
LINE
REGULATION
LOAD
REGULATION
%EFF
CFM1001S
CFM1002S
CFM1003S
CFM1005S
CFM1007S
CFM1009S
5 V
12 V
15 V
24 V
3.3 V
9 V
0A
0A
0A
0A
0A
0A
2000mA
840mA
670mA
420mA
2500mA
1120mA
1%
1%
1%
1%
50mV
1%
± 1%
± 1%
± 1%
± 1%
± 1%
± 1%
± 0.5%
± 0.5%
± 0.5%
± 0.5%
± 0.5%
± 0.5%
± 1%
± 1%
± 1%
± 1%
± 1%
± 1%
73% Typ.
76% Typ.
76% Typ.
77% Typ.
67% Typ.
73% Typ.
MODEL
OUTPUT
VOLTAGE
VOLTAGE
ACCURACY
MAX.
LOAD
MIN.
LOAD
RIPPLE &
NOISE
LINE
REGULATION
LOAD
REGULATION
%EFF
0.039 (1.00)
0.071 (1.80)
+Vo
-Vo
VR
ACL
ACN
0.220 (5.60)
2.125 (54.00)
2.559 (65.00)
2.126 (54.00)
2.752 (69.90)
0.161 (4.10)
2.441 (62.00)
0.039 (1.00)
0.071 (1.80)
VR
ACL
ACN
+Vo
-Vo
2.441 (62.00)
0.039 (1.00)
0.071 (1.80)
+Vo
-Vo
VR
ACL
ACN
0.220 (5.60)
2.125 (54.00)
2.559 (65.00)
2.126 (54.00)
2.752 (69.90)
0.161 (4.10)
2.441 (62.00)
0.039 (1.00)
0.071 (1.80)
VR
ACL
ACN
+Vo
-Vo
2.441 (62.00)
CFM10 Series
CFM15 Series
• Universal Input Range 85-264VAC
• Efficiency to 82%
• Meets EN55022 Class B
Features
• Continuous Short Circuit Protection
• Leakage Current 0.25mA Max.
• PCB Mountable
All Dimensions In Inches(mm)
Tolerance
Inches: x.xxx= ±0.02
Millimeters: x.xx= ±0.5


Similar Part No. - CFM1003S

ManufacturerPart #DatasheetDescription
logo
CINCON ELECTRONICS Corp...
CFM1003S CINCON-CFM1003S Datasheet
401Kb / 2P
10/15 WATT OPEN FRAME AC-DC MODULES
More results

Similar Description - CFM1003S

ManufacturerPart #DatasheetDescription
logo
Intronics Power, Inc.
AC05 INTRONICS-AC05 Datasheet
205Kb / 1P
5 WATT OPEN FRAME AC-DC MODULES
AC10 INTRONICS-AC10 Datasheet
425Kb / 1P
10/15 WATT OPEN FRAME AC-DC MODULES
logo
CINCON ELECTRONICS Corp...
CFM05 CINCON-CFM05 Datasheet
237Kb / 2P
5 WATT OPEN FRAME AC-DC MODULES
CFM10 CINCON-CFM10 Datasheet
401Kb / 2P
10/15 WATT OPEN FRAME AC-DC MODULES
CFM20 CINCON-CFM20 Datasheet
321Kb / 2P
20 WATT OPEN FRAME AC-DC MODULES
CFM40 CINCON-CFM40 Datasheet
415Kb / 3P
40/60 WATT OPEN FRAME AC-DC MODULES
CFM80S CINCON-CFM80S Datasheet
394Kb / 2P
80W WATT OPEN FRAME AC-DC MODULES
CFM81S CINCON-CFM81S Datasheet
536Kb / 5P
80 WATT OPEN FRAME AC-DC MODULES
CFM101S CINCON-CFM101S Datasheet
276Kb / 2P
100 WATT OPEN FRAME AC-DC MODULES WITH PFC
CFM260S CINCON-CFM260S Datasheet
689Kb / 5P
260 WATT OPEN FRAME AC-DC MODULES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com