Electronic Components Datasheet Search
  English  ▼

X  

AT445 Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # AT445
Description  Accessories Hardware
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT445 Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button AT445 Datasheet HTML 14Page - List of Unclassifed Manufacturers AT445 Datasheet HTML 15Page - List of Unclassifed Manufacturers AT445 Datasheet HTML 16Page - List of Unclassifed Manufacturers AT445 Datasheet HTML 17Page - List of Unclassifed Manufacturers AT445 Datasheet HTML 18Page - List of Unclassifed Manufacturers AT445 Datasheet HTML 19Page - List of Unclassifed Manufacturers AT445 Datasheet HTML 20Page - List of Unclassifed Manufacturers AT445 Datasheet HTML 21Page - List of Unclassifed Manufacturers AT445 Datasheet HTML 22Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 33 page
background image
Accessories & Hardware
www.nkk.com
Y19
Y
AT701
Single Pole
Straight PC Adaptor
Glass fiber
reinforced polyamide
Series: KB
AT702
Double Pole
Straight PC Adaptor
Glass fiber
reinforced polyamide
Series: KB
AT711
Single Pole
Straight PC Adaptor
Glass fiber
reinforced polyamide
Series: LB
AT2107
Bezel
Polyamide
Colors: A B E F G H
Series: M M2100
Color Codes:
A Black
B White
C Red
D Amber
E Yellow
F Green
G Blue
H Gray
J Clear
(9.8)
.386
(12.0) Dia
.472
Keyway
(9.8)
.386
(12.0) Dia
.472
(5.08)
.200
Keyway
(15.8) Sq
.622
(15.0)
.591
(4.0)
.157
(0.5)
.020
(5.08) Typ
.200
(15.8) Sq
.622
(15.0)
.591
(4.0)
.157
(0.5)
.020
(5.08) Typ
.200
(10.16)
.400
AT712
Double Pole
Straight PC Adaptor
Glass fiber reinforced polyamide
Series: LB
AT714
Receptacle Connector
Connects to Power Source
of Control Boards
FTCS04B & FTCS05B (5-wire)
Length: 19.7” (500.0mm)
Series: FT
(11.8)
.465
(21.5)
.846
(12.0)
.472
(15.6)
.614
(2.2)
.087
AT700s
AT713
Receptacle Connector
Connects to RS232C
Compatible with
FTCS04B & FTCS05B (5-wire) or
FTCS04A & FTCS04A2 (4 wire)
Length: 19.7” (500.0mm)
Series: FT
AT715
Connector Cable
Cable for OLED Rocker
Length: 19.7” (500.0mm)
Series: SmartSwitch
AT2100s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com