Electronic Components Datasheet Search
  English  ▼

X  

AT504M Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # AT504M
Description  Accessories Hardware
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT504M Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  AT504M Datasheet HTML 1Page - List of Unclassifed Manufacturers AT504M Datasheet HTML 2Page - List of Unclassifed Manufacturers AT504M Datasheet HTML 3Page - List of Unclassifed Manufacturers AT504M Datasheet HTML 4Page - List of Unclassifed Manufacturers AT504M Datasheet HTML 5Page - List of Unclassifed Manufacturers AT504M Datasheet HTML 6Page - List of Unclassifed Manufacturers AT504M Datasheet HTML 7Page - List of Unclassifed Manufacturers AT504M Datasheet HTML 8Page - List of Unclassifed Manufacturers AT504M Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
Accessories & Hardware
www.nkk.com
Y5
Y
AT065-1
Panel Frame for Rocker &
Paddle .450” Wide
Polyamide
Color: A
Series: M
AT065-1 accommodates
panel thickness
1.2 ~ 2.3mm
(.047 ~ .090”)
AT065-2
Panel Frame for Rocker &
Paddle .450” Wide
Polyamide
Color: A
Series: M
AT065-2 accommodates
panel thickness
1.57 ~ 3.18mm
(.062 ~ .125”)
* AT066
.300” Wide Rocker
Polyamide
Color: A B C
Series: A
* AT070
LED for AT208 Bezel
Colors: C F
Series: EB M MB24
* AT073
Mounting Nut
Brass with nickel plating
Series: HB
* AT075
O-ring for LB Panel Seal
Nitrile butadiene rubber
Series: LB
* AT092
Knurled Mounting Nut
Glass fiber reinforced PBT
Series: YB YB2
(6.68)
.263
(19.43)
.765
(15.62)
.615
(2.3)
.090
(12.0)
.472
(12.8)
.504
(11.4)
.448
(15.2)
.600
(7.0)
.276
(7.6)
.300
(9.0) Dia
.354
(5.0)
.197
M8 P0.75
(5.5)
.217
(25.0) Dia
.984
M22 P1
(0.5)
.020
(25.0) Dia
.984
(22.0) Dia
.866
(7.7)
.303
(6.0) Dia
.236
(5.08) Dia
.200
(+)
(–)
Color Codes:
A Black
B White
C Red
D Amber
E Yellow
F Green
G Blue
H Gray
J Clear
(18.0) Dia
.709
(16.0) Dia
.630
(0.5)
.020
(2.4)
.094
(4.7)
.185
(9.2)
.362
M3.5 P0.6
(12.0) Dia
.472
M16 P1
(11.0)
.433
(18.0) Dia
.709
AT089
O-ring for YB Panel Seal
Nitrile butadiene rubber
Series: YB
* AT074
Mounting Nut for LB Panel Seal
Brass with chromate
Series: LB
AT080
Screw Adaptor for AT452 & AT454
Brass
Series: MB20 SCB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com