Electronic Components Datasheet Search
  English  ▼

X  

AT515 Datasheet(PDF) 22 Page - List of Unclassifed Manufacturers

Part # AT515
Description  Accessories Hardware
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT515 Datasheet(HTML) 22 Page - List of Unclassifed Manufacturers

Back Button AT515 Datasheet HTML 18Page - List of Unclassifed Manufacturers AT515 Datasheet HTML 19Page - List of Unclassifed Manufacturers AT515 Datasheet HTML 20Page - List of Unclassifed Manufacturers AT515 Datasheet HTML 21Page - List of Unclassifed Manufacturers AT515 Datasheet HTML 22Page - List of Unclassifed Manufacturers AT515 Datasheet HTML 23Page - List of Unclassifed Manufacturers AT515 Datasheet HTML 24Page - List of Unclassifed Manufacturers AT515 Datasheet HTML 25Page - List of Unclassifed Manufacturers AT515 Datasheet HTML 26Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 33 page
background image
Accessories & Hardware
www.nkk.com
Y23
Y
Color Codes:
A Black
B White
C Red
D Amber
E Yellow
F Green
G Blue
H Gray
J Clear
AT3086
12mm Home Key Cap
with Lens/Diffuser
Polycarbonate
Colors: JB
Series: KP
AT3088
17.4mm Home Key Cap
with Lens/Diffuser
Polycarbonate
Colors: JB
Series: KP
AT4001
Square Dust Cover
Lid: Polyvinyl chloride
Gasket: Polyethylene
Series: LB UB
AT4002
Round Dust Cover
Lid: Polyvinyl chloride
Gasket: Polyethylene
Series: LB
AT4003
.394” Bat Lever Cap
Polyvinyl chloride
Colors: A B C
Series: A B
AT4011
Rectangular Dust Cover
Lid: Polyvinyl chloride
Gasket: Polyethylene
Series: LB UB
AT4012
Round Solid Colored Cap
Polycarbonate
Colors: BJ CJ EJ FJ GJ
Series: LB
AT4013
Round Colored Insert Cap
Polycarbonate
Colors: JB JC JE JF JG
Series: LB
AT4016
Round Spot Illuminated Cap
Polycarbonate
Cap Colors: A B C F
LED Colors: C D F CF
Series: LB
(24.0) Sq
.945
(2.5)
.098
(4.8)
.189
(4.8)
.189
(2.5)
.098
(30.0) Dia
1.181
(10.0)
.394
(3.0) Dia
.118
(4.8)
.189
(2.5)
.098
(24.0)
.945
(30.2)
1.189
(10.0)
.394
(19.0) Dia
.748
(19.0) Dia
.748
(10.0)
.394
(19.0) Dia
.748
(10.0)
.394
(5.0)
.197
(2.0)
.079
AT4000s
(6.5)
.256
(12.0) Sq
.472
(2.6) Dia
.102
(7.0)
.276
(15.0) Sq
.591
(2.6) Dia
.102
(7.0)
.276
(17.4) Sq
.685
(2.6) Dia
.102
AT3087
15mm Home Key Cap
with Lens/Diffuser
Polycarbonate
Colors: JB
Series: KP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com