Electronic Components Datasheet Search
  English  ▼

X  

LM10QML Datasheet(PDF) 22 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM10QML
Description  LM10QML Operational Amplifier and Voltage Reference
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM10QML Datasheet(HTML) 22 Page - National Semiconductor (TI)

Back Button LM10QML Datasheet HTML 18Page - National Semiconductor (TI) LM10QML Datasheet HTML 19Page - National Semiconductor (TI) LM10QML Datasheet HTML 20Page - National Semiconductor (TI) LM10QML Datasheet HTML 21Page - National Semiconductor (TI) LM10QML Datasheet HTML 22Page - National Semiconductor (TI) LM10QML Datasheet HTML 23Page - National Semiconductor (TI) LM10QML Datasheet HTML 24Page - National Semiconductor (TI) LM10QML Datasheet HTML 25Page - National Semiconductor (TI) LM10QML Datasheet HTML 26Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
LM10QML
SNOSAP1A – OCTOBER 2010 – REVISED MARCH 2013
www.ti.com
Microphone Amplifier
ZOUT∼680Ω @ 5 kHz
AV ≤ 1k
f1∼100 Hz
f2∼5 kHz
RL∼500
*Max Gain Trim
Isolated Voltage Sensor
†Controls “Loop Gain”
*Optional Frequency Shaping
22
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: LM10QML



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com