Electronic Components Datasheet Search
  English  ▼

X  

L4995K Datasheet(PDF) 33 Page - STMicroelectronics

Part # L4995K
Description  5V, 500mA low drop voltage regulator
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4995K Datasheet(HTML) 33 Page - STMicroelectronics

Back Button L4995K Datasheet HTML 27Page - STMicroelectronics L4995K Datasheet HTML 28Page - STMicroelectronics L4995K Datasheet HTML 29Page - STMicroelectronics L4995K Datasheet HTML 30Page - STMicroelectronics L4995K Datasheet HTML 31Page - STMicroelectronics L4995K Datasheet HTML 32Page - STMicroelectronics L4995K Datasheet HTML 33Page - STMicroelectronics L4995K Datasheet HTML 34Page - STMicroelectronics L4995K Datasheet HTML 35Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 33 / 35 page
background image
L4995
Revision history
Doc ID 13103 Rev 14
33/35
07-Dec-2007
6
Updated Section 2.2: Thermal data:
– corrected note changing single layer with double layer.
Updated Table 5: General:
– changed Ishort typ. value from 750 to 800 mA
– added Ishort max. value
– changed Ilim typ. value from 820 to 900 mA
– added Ilim max. value
– added Ilim note
– added Vdp note
– changed Iqn_1 typ. value from 110 to 90 µA
– added Iqn_1 max. value
– added Iqn_50 max. value
– added Iqn_150 max. value
– changed Iqn_250 typ. value from 1.2 to 1 mA
– added Iqn_250 max. value
– changed Iqn_500 typ. value from 2.4 to 2.1 mA
– added Iqn_500 max. value
Updated Table 6: Reset:
– changed VRlth parameter definition from “Reset timing low” to
“Reset delay circuit low threshold”
– changed VRhth parameter definition from “Reset timing high” to
“Reset delay circuit high threshold”
– added Trd min. and max. values
Updated Table 7: Watchdog:
– added Iwi max value
Updated Table 8: Enable:
– changed Pull down current symbol from REn to IEn
– changed IEn typ. value from 2.5 to 10 µA
– added IEn max. value
Added Section 2.4: Electrical characteristics curves.
Added Section 2.5: Test circuit and waveforms plot.
Added Section 4: Package and PCB thermal data
03-Oct-2008
7
Updated PowerSSO-24 information:
– changed Figure 40: PowerSSO-24 package dimensions
– changed Table 12: PowerSSO-24 mechanical data.
19-Mar-2009
8
Updated Table 4: Thermal data
19-May-2009
9
Updated Table 2: Pins descriptions.
Updated Figure 4: Pins configurations (L4995)
– Changed GND to substrate
Table 13.
Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com