Electronic Components Datasheet Search
  English  ▼

X  

LM2902DRG3 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2902DRG3
Description  Quadruple Operational Amplifiers
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2902DRG3 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM2902DRG3 Datasheet HTML 1Page - National Semiconductor (TI) LM2902DRG3 Datasheet HTML 2Page - National Semiconductor (TI) LM2902DRG3 Datasheet HTML 3Page - National Semiconductor (TI) LM2902DRG3 Datasheet HTML 4Page - National Semiconductor (TI) LM2902DRG3 Datasheet HTML 5Page - National Semiconductor (TI) LM2902DRG3 Datasheet HTML 6Page - National Semiconductor (TI) LM2902DRG3 Datasheet HTML 7Page - National Semiconductor (TI) LM2902DRG3 Datasheet HTML 8Page - National Semiconductor (TI) LM2902DRG3 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
LM124, LM124A, LM224, LM224A, LM324, LM324A, LM2902, LM2902V
LM224K, LM224KA, LM324K, LM324KA, LM2902K, LM2902KV, LM2902KAV
www.ti.com
SLOS066V – SEPTEMBER 1975 – REVISED JANUARY 2014
Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
ALL OTHER
LM2902
UNIT
DEVICES
Supply voltage, VCC
(2)
±13 or 26
±16 or 32
V
Differential input voltage, VID
(3)
±26
±32
V
Input voltage, VI (either input)
–0.3 to 26
–0.3 to 32
V
Duration of output short circuit (one amplifier) to ground at (or below) TA = 25°C, VCC ≤ 15 V
(4)
Unlimited
Unlimited
D package
86
86
DB package
96
96
Package thermal impedance,
θJA
(4) (5)
N package
80
80
°C/W
NS package
76
76
PW package
113
113
FK package
5.61
Package thermal impedance,
θJC
(6) (7)
J package
15.05
°C/W
W package
14.65
Operating virtual junction temperature, TJ
150
150
°C
Case temperature for 60 seconds
FK package
260
°C
Lead temperature 1,6 mm (1/16 inch) from case for 60
J or W package
300
300
°C
seconds
Storage temperature range, Tstg
–65 to 150
–65 to 150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values (except differential voltages and VCC specified for the measurement of IOS) are with respect to the network GND.
(3)
Differential voltages are at IN+, with respect to IN
−.
(4)
Short circuits from outputs to VCC can cause excessive heating and eventual destruction.
(5)
Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable ambient
temperature is PD = (TJ(max) – TA)/θJA. Operating at the absolute maximum TJ of 150°C can affect reliability.
(6)
Maximum power dissipation is a function of TJ(max), θJA, and TC. The maximum allowable power dissipation at any allowable case
temperature is PD = (TJ(max) – TC)/θJC. Operating at the absolute maximum TJ of 150°C can affect reliability.
(7)
The package thermal impedance is calculated in accordance with MIL-STD-883
ESD Protection
TEST CONDITIONS
TYP
UNIT
Human-Body Model
LM224K, LM224KA, LM324K, LM324KA, LM2902K, LM2902KV, LM2902KAV
±2
kV
Copyright © 1975–2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM124 LM124A LM224 LM224A LM324 LM324A LM2902 LM2902V LM224K LM224KA
LM324K LM324KA LM2902K LM2902KV LM2902KAV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com