Electronic Components Datasheet Search
  English  ▼

X  

LM324ADRG4 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM324ADRG4
Description  Quadruple Operational Amplifiers
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM324ADRG4 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM324ADRG4 Datasheet HTML 1Page - National Semiconductor (TI) LM324ADRG4 Datasheet HTML 2Page - National Semiconductor (TI) LM324ADRG4 Datasheet HTML 3Page - National Semiconductor (TI) LM324ADRG4 Datasheet HTML 4Page - National Semiconductor (TI) LM324ADRG4 Datasheet HTML 5Page - National Semiconductor (TI) LM324ADRG4 Datasheet HTML 6Page - National Semiconductor (TI) LM324ADRG4 Datasheet HTML 7Page - National Semiconductor (TI) LM324ADRG4 Datasheet HTML 8Page - National Semiconductor (TI) LM324ADRG4 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1OUT
1IN−
1IN+
VCC
2IN+
2IN−
2OUT
4OUT
4IN−
4IN+
GND
3IN+
3IN−
3OUT
LM124 . . . D, J, OR W PACKAGE
LM124A . . . J OR W PACKAGE
LM224, LM224A, LM224K, LM224KA . . . D OR N PACKAGE
LM324, LM324K . . . D, N, NS, OR PW PACKAGE
LM324A . . . D, DB, N, NS, OR PW PACKAGE
LM324KA . . . D, N, NS, OR PW PACKAGE
LM2902 . . . D, N, NS, OR PW PACKAGE
LM2902K . . . D, DB, N, NS, OR PW PACKAGE
LM2902KV, LM2902KAV . . . D OR PW PACKAGE
(TOP VIEW)
LM124, LM124A, LM224, LM224A, LM324, LM324A, LM2902, LM2902V
LM224K, LM224KA, LM324K, LM324KA, LM2902K, LM2902KV, LM2902KAV
www.ti.com
SLOS066V – SEPTEMBER 1975 – REVISED JANUARY 2014
Quadruple Operational Amplifiers
Check for
Samples: LM124, LM124A, LM224, LM224A, LM324, LM324A, LM2902, LM2902V, LM224K, LM224KA, LM324K, LM324KA, LM2902K,
LM2902KV, LM2902KAV
1
FEATURES
DESCRIPTION
These devices consist of four independent high-gain
•
2-kV ESD Protection for:
frequency-compensated operational amplifiers that
–
LM224K, LM224KA
are designed specifically to operate from a single
–
LM324K, LM324KA
supply over a wide range of voltages. Operation from
split supplies also is possible if the difference
–
LM2902K, LM2902KV, LM2902KAV
between the two supplies is 3 V to 32 V (3 V to 26 V
•
Wide Supply Ranges
for the LM2902 device), and VCC is at least 1.5 V
–
Single Supply: 3 V to 32 V (26 V for
more positive than the input common-mode voltage.
LM2902)
The low supply-current drain is independent of the
magnitude of the supply voltage.
–
Dual Supplies: ±1.5 V to ±16 V (±13 V for
LM2902)
Applications
include
transducer
amplifiers,
dc
amplification
blocks,
and
all
the
conventional
•
Low Supply-Current Drain Independent of
operational-amplifier circuits that now can be more
Supply Voltage: 0.8 mA Typ
easily implemented in single-supply-voltage systems.
•
Common-Mode Input Voltage Range Includes
For example, the LM124 device can be operated
Ground, Allowing Direct Sensing Near Ground
directly from the standard 5-V supply that is used in
•
Low Input Bias and Offset Parameters
digital systems and provides the required interface
electronics,
without
requiring
additional
±15-V
–
Input Offset Voltage: 3 mV Typ
supplies.
MM A Versions: 2 mV Typ
–
Input Offset Current: 2 nA Typ
–
Input Bias Curren: 20 nA Typ
MMA Versions: 15 nA Typ
•
Differential Input Voltage Range Equal to
Maximum-Rated Supply Voltage:
32 V (26 V for LM2902)
•
Open-Loop Differential Voltage Amplification:
100 V/mV Typ
•
Internal Frequency Compensation
•
On Products Compliant to MIL-PRF-38535,
All Parameters Are Tested Unless Otherwise
Noted. On All Other Products, Production
Processing Does Not Necessarily Include
Testing of All Parameters.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 1975–2014, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM324ADRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM324ADRG4 TI-LM324ADRG4 Datasheet
759Kb / 29P
QUADRUPLE OPERATIONAL AMPLIFIERS
REVISED JANUARY 2005
LM324ADRG4 TI1-LM324ADRG4 Datasheet
1Mb / 40P
Quadruple Operational Amplifiers
REVISED MARCH 2015
LM324ADRG4 TI1-LM324ADRG4 Datasheet
1Mb / 40P
Quadruple Operational Amplifiers
REVISED MARCH 2015
LM324ADRG4 TI-LM324ADRG4 Datasheet
1Mb / 47P
LMx24, LMx24x, LMx24xx, LM2902, LM2902x, LM2902xx, LM2902xxx Quadruple Operational Amplifiers
REVISED MAY 2022
LM324ADRG4 TI-LM324ADRG4 Datasheet
2Mb / 53P
LMx24, LMx24x, LMx24xx, LM2902, LM2902x, LM2902xx, LM2902xxx Quadruple Operational Amplifiers
REVISED OCTOBER 2022
More results

Similar Description - LM324ADRG4

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN1324 PANASONIC-AN1324 Datasheet
34Kb / 3P
Quadruple Operational Amplifiers
logo
Texas Instruments
LM324K TI-LM324K Datasheet
526Kb / 18P
QUADRUPLE OPERATIONAL AMPLIFIERS
REVISED JANUARY 2005
LM148 TI-LM148_06 Datasheet
399Kb / 12P
QUADRUPLE OPERATIONAL AMPLIFIERS
logo
Linear Dimensions Semic...
LND324 LINEAR_DIMENSIONS-LND324 Datasheet
121Kb / 5P
Quadruple Operational Amplifiers
logo
Estek Electronics Co. L...
LM324M ESTEK-LM324M Datasheet
146Kb / 2P
Quadruple Operational Amplifiers
logo
Texas Instruments
LM324NE3 TI1-LM324NE3 Datasheet
1Mb / 35P
QUADRUPLE OPERATIONAL AMPLIFIERS
REVISED MARCH 2010
logo
Shenzhen Luguang Electr...
LM324 LUGUANG-LM324 Datasheet
484Kb / 4P
Quadruple Operational Amplifiers
logo
Unisonic Technologies
LM224 UTC-LM224_15 Datasheet
208Kb / 4P
QUADRUPLE OPERATIONAL AMPLIFIERS
logo
Texas Instruments
LM148 TI1-LM148_16 Datasheet
766Kb / 15P
QUADRUPLE OPERATIONAL AMPLIFIERS
logo
Guangdong Youtai Semico...
LM124 UMW-LM124 Datasheet
1Mb / 10P
Quadruple Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com