Electronic Components Datasheet Search
  English  ▼

X  

400FB Datasheet(PDF) 39 Page - Numonyx B.V

Part # 400FB
Description  Top / Bottom Boot Block 5 V Supply Flash Memory
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

400FB Datasheet(HTML) 39 Page - Numonyx B.V

Back Button 400FB Datasheet HTML 35Page - Numonyx B.V 400FB Datasheet HTML 36Page - Numonyx B.V 400FB Datasheet HTML 37Page - Numonyx B.V 400FB Datasheet HTML 38Page - Numonyx B.V 400FB Datasheet HTML 39Page - Numonyx B.V 400FB Datasheet HTML 40Page - Numonyx B.V 400FB Datasheet HTML 41Page - Numonyx B.V 400FB Datasheet HTML 42Page - Numonyx B.V 400FB Datasheet HTML 43Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 67 page
background image
M29FxxxFT, M29FxxxFB
DC and AC Parameters
39/67
7
DC and AC Parameters
This section summarizes the operating measurement conditions, and the DC and AC
characteristics of the device. The parameters in the DC and AC characteristics Tables that
follow, are derived from tests performed under the Measurement Conditions shown here.
Designers should check that the operating conditions in their circuit match the operating
conditions when relying on the quoted parameters.
Table 12.
Operating and AC Measurement Conditions
Figure 18.
AC Measurement I/O Waveform
Figure 19.
AC Measurement Load Circuit
Parameter
Min
Max
Unit
VCC Supply Voltage
4.5
5.5
V
Ambient Operating Temperature
–40
125
°C
Load Capacitance (CL)
3030pF
Input Rise and Fall Times
—
5
ns
Input Pulse Voltages
0 to VCC
0 to VCC
V
Input and Output Timing Ref. Voltages
VCC/2
VCC/2
V
AI04498
VCC
0V
VCC/2
AI04499
CL
CL includes JIG capacitance
DEVICE
UNDER
TEST
25k
Ω
VCC
25k
Ω
VCC
0.1µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com