Electronic Components Datasheet Search
  English  ▼

X  

LMV321M7NOPB Datasheet(PDF) 19 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV321M7NOPB
Description  Single/Dual/Quad General Purpose, Low Voltage, Rail-to-Rail Output Operational Amplifiers
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV321M7NOPB Datasheet(HTML) 19 Page - National Semiconductor (TI)

Back Button LMV321M7NOPB Datasheet HTML 15Page - National Semiconductor (TI) LMV321M7NOPB Datasheet HTML 16Page - National Semiconductor (TI) LMV321M7NOPB Datasheet HTML 17Page - National Semiconductor (TI) LMV321M7NOPB Datasheet HTML 18Page - National Semiconductor (TI) LMV321M7NOPB Datasheet HTML 19Page - National Semiconductor (TI) LMV321M7NOPB Datasheet HTML 20Page - National Semiconductor (TI) LMV321M7NOPB Datasheet HTML 21Page - National Semiconductor (TI) LMV321M7NOPB Datasheet HTML 22Page - National Semiconductor (TI) LMV321M7NOPB Datasheet HTML 23Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 45 page
background image
LMV321-N, LMV321-N-Q1, LMV358-N, LMV358-N-Q1
LMV324-N, LMV324-N-Q1
www.ti.com
SNOS012I – AUGUST 2000 – REVISED FEBRUARY 2013
Figure 59. Simple Low-Pass Active Filter
Figure 60. Frequency Response of Simple Low-Pass Active Filter in Figure 11
Note that the single-op-amp active filters are used in the applications that require low quality factor, Q(
≤ 10), low
frequency (
≤ 5 kHz), and low gain (≤ 10), or a small value for the product of gain times Q (≤ 100). The op amp
should have an open loop voltage gain at the highest frequency of interest at least 50 times larger than the gain
of the filter at this frequency. In addition, the selected op amp should have a slew rate that meets the following
requirement:
Slew Rate
≥ 0.5 × (ω HVOPP) × 10
−6 V/µsec
(1)
where
ωH is the highest frequency of interest, and VOPP is the output peak-to-peak voltage.
Sallen-Key 2nd-Order Active Low-Pass Filter
The Sallen-Key 2nd-order active low-pass filter is illustrated in Figure 61. The DC gain of the filter is expressed
as
(2)
Its transfer function is
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: LMV321-N LMV321-N-Q1 LMV358-N LMV358-N-Q1 LMV324-N LMV324-N-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com