Electronic Components Datasheet Search
  English  ▼

X  

OPB960 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # OPB960
Description  Photologic짰 Slotted Optical Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

OPB960 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  OPB960 Datasheet HTML 1Page - List of Unclassifed Manufacturers OPB960 Datasheet HTML 2Page - List of Unclassifed Manufacturers OPB960 Datasheet HTML 3Page - List of Unclassifed Manufacturers OPB960 Datasheet HTML 4Page - List of Unclassifed Manufacturers OPB960 Datasheet HTML 5Page - List of Unclassifed Manufacturers OPB960 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
OPTEK Technology Inc. —
1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue C.1 1/10
Page 1 of 6
Photologic
® Slotted Optical Switch
OPB960, OPB970, OPB980, OPB990 Series
OPTEK reserves the right to make any changes at any time in order to improve design and to supply the best product possible.
Features:
• Choice of logic and output driver circuits
• Choice of aperture size, covered or open
• Wire or PCB leads
• Choice of mounting features
• Direct TTL, LSTTL, CMOS Interface
Description:
The OPB960/ 970/ 980/ 990 series of non-contact Photologic® slotted optical switches provides flexibility in meeting application
specific requirements for the design engineer.
Building from a standard housing with a 0.125” (3.18mm) wide slot, the user can specify output logic state, output driver circuit,
aperture width, aperture surface and mounting tab locations. Furthermore, an option of wire or PCB leads allows electrical
interface flexibility.
The device body is an opaque plastic which minimizes sensitivity to both visible and near-infrared external light sources which
may impact operation. Aperture width choices provide different optical resolution for motion sensing. A covered aperture
provides dust protection, while an open aperture provides maximum protection against external light sources.
Electrical operation is over a wide supply voltage range. LED emissions are near-infrared (850—940nm).
Detector digital output logic choices of buffer or inverter with totem-pole or open-collector driver circuit simplify interface for
various electrical requirements.
Custom electrical, wire and cabling services are available.
Contact your local representative or OPTEK for more information. Compliant to EU RoHS Directive 2002/95/EC .
RoHS
OPTEK Assembly
Photologic
®
Sensor Family
Slot Aperture Surface and Lead Options:
6 —
Covered (apertures not visible), PCB leads
7 —
Open (apertures visible), PCB leads
8 —
Covered (apertures not visible), Wires
9 —
Open (apertures visible), Wires
Logic and Output Driver Types:
0 —
Buffer Totem-Pole
1 —
Buffer Open-Collector
2 —
Inverter Totem-Pole
3 —
Inverter Open-Collector
Z =
Wires only, None for PCB leads
Aperture Width Guide Options:
55, 51, 11 ( See Aperture Width Guide )
Mounting Tab Location:
L —
Emitter
N —
None
P —
Sensor
T —
Both (two mounting tabs)
Part Number Guide
OPB 9XX X XX X
Logic Type
Input
LED
Output
Logic State
Buffer
OFF
LOW = 0
Inverter
OFF
HIGH = 1
Applications:
• Speed and direction indication
• Rotary encoders
• Mechanical switch replacement
• Mechanical limit indication
• Printers - Top of form, End of travel, Home position.
• Sliding Door Automotive and Lift gate applications
For more information see Application notes 201, 213


Similar Part No. - OPB960

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPB960 OPTEK-OPB960 Datasheet
875Kb / 4P
Photologic Slotted Optical Switches
Jan-2006
logo
List of Unclassifed Man...
OPB960 ETC-OPB960 Datasheet
186Kb / 6P
Photologic짰 Slotted Optical Switch
OPB960 ETC-OPB960 Datasheet
186Kb / 6P
Photologic짰 Slotted Optical Switch
OPB960 ETC2-OPB960 Datasheet
186Kb / 6P
Photologic짰 Slotted Optical Switch OPB960, OPB970, OPB980, OPB990 Series
OPB960 ETC2-OPB960 Datasheet
186Kb / 6P
Photologic짰 Slotted Optical Switch
More results

Similar Description - OPB960

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPB120A OPTEK-OPB120A Datasheet
418Kb / 5P
Photologic짰 Slotted Optical Switch
OPB930 OPTEK-OPB930 Datasheet
317Kb / 7P
Photologic짰 Slotted Optical Switch
logo
List of Unclassifed Man...
OPB970N51 ETC-OPB970N51 Datasheet
186Kb / 6P
Photologic짰 Slotted Optical Switch
OPB970T51 ETC-OPB970T51 Datasheet
186Kb / 6P
Photologic짰 Slotted Optical Switch
OPB990T55 ETC2-OPB990T55 Datasheet
186Kb / 6P
Photologic짰 Slotted Optical Switch
OPB931W51Z ETC2-OPB931W51Z Datasheet
283Kb / 7P
Photologic짰 Slotted Optical Switch
OPB970N11 ETC2-OPB970N11 Datasheet
186Kb / 6P
Photologic짰 Slotted Optical Switch
OPB982T51 ETC2-OPB982T51 Datasheet
186Kb / 6P
Photologic짰 Slotted Optical Switch
logo
OPTEK Technologies
OPB930W51Z OPTEK-OPB930W51Z Datasheet
283Kb / 7P
Photologic짰 Slotted Optical Switch
OPB992T51 OPTEK-OPB992T51 Datasheet
186Kb / 6P
Photologic짰 Slotted Optical Switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com