Electronic Components Datasheet Search
  English  ▼

X  

OPB970 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # OPB970
Description  Photologic짰 Slotted Optical Switch OPB960, OPB970, OPB980, OPB990 Series
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

OPB970 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  OPB970 Datasheet HTML 1Page - List of Unclassifed Manufacturers OPB970 Datasheet HTML 2Page - List of Unclassifed Manufacturers OPB970 Datasheet HTML 3Page - List of Unclassifed Manufacturers OPB970 Datasheet HTML 4Page - List of Unclassifed Manufacturers OPB970 Datasheet HTML 5Page - List of Unclassifed Manufacturers OPB970 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
OPTEK Technology Inc. —
1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue C.1 1/10
Page 5 of 6
Photologic
® Slotted Optical Switch
OPB960, OPB970, OPB980, OPB990 Series
OPTEK reserves the right to make any changes at any time in order to improve design and to supply the best product possible.
Electrical Characteristics (TA = -40° C to +70° C unless otherwise noted)
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
TEST CONDITIONS
Input Diode
(See OP140 / OP240 LED for additional information)
VF
Forward Voltage
-
-
1.70
V
IF = 20 mA, TA = 25° C
IR
Reverse Current
-
-
100
µA
VR = 2.0 V, TA = 25° C
Coupled
(See OPL560 Detector for additional information)
VCC
Operating D.C. Supply Voltage
4.5
-
16
V
ICC
Supply Current
-
-
12
mA
VCC = 4.5V to 16V
VOL
Low Level Output Voltage:
Buffer Totem-Pole
OPB960,OPB970
OPB980,OPB990
Buffer Open-Collector
OPB961,OPB971
OPB981,OPB991
-
-
0.4
V
VCC = 4.5V, IOL = 12.8mA
IF = 0 mA
(14)
Inverter Totem-Pole
OPB962,OPB972
OPB982,OPB992
Inverter Open-Collector OPB963,OPB973
OPB983,OPB993
VCC = 4.5V, IOL = 12.8mA
IF = 15 mA
VOH
High Level Output Voltage:
Buffer Totem-Pole
OPB960,OPB970
OPB980,OPB990
VCC -2.1
-
-
V
VCC = 4.5V to 16V, IOH = -800µA
IF = 15 mA
Inverter Totem-Pole
OPB962,OPB972
OPB982,OPB992
VCC = 4.5V to 16V, IOH = -800µA
IF = 0 mA
(14)
IOH
High Level Output Current:
Buffer Open-Collector
OPB961,OPB971
OPB981,OPB991
-
-
100
µA
VCC = 4.5V to 16V, VOH = 30V
IF = 15 mA
Inverter Open-Collector OPB963,OPB973
OPB981,OPB991
VCC = 4.5V to 16V, VOH = 30V
IF = 0 mA
(14)
IF(+)
LED Positive-Going Threshold Current(16)
-
-
15
mA
VCC = 5.0V, TA = 25° C
IF(+) / IF(-) Hysteresis Ratio
-
1.5
-
-
VCC = 5.0V
tR, tF
Output Rise Time, Output Fall Time
-
70
-
ns
tPLH, tPHL
Propagation Delay Time
Low to High, High to Low
-
5.0
-
µs
VCC = 5.0V, IF peak= 15 mA, TA = 25° C
100 kHz square wave, C = 10pF max.
RL = 360 Ω to GND (Totem-Pole)
RL = 1KΩ pull-up (Open-Collector)
Notes:
14) Normal application would be with light source blocked, simulated by IF = 0 mA.
15) All parameters are tested using pulse techniques.
16) An increasing current applied to the LED which causes the output logic state to change.
For proper application IF(+), LED current, should be more than the stated maximum.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com