Electronic Components Datasheet Search
  English  ▼

X  

OPB970 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # OPB970
Description  Photologic짰 Slotted Optical Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

OPB970 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  OPB970 Datasheet HTML 1Page - List of Unclassifed Manufacturers OPB970 Datasheet HTML 2Page - List of Unclassifed Manufacturers OPB970 Datasheet HTML 3Page - List of Unclassifed Manufacturers OPB970 Datasheet HTML 4Page - List of Unclassifed Manufacturers OPB970 Datasheet HTML 5Page - List of Unclassifed Manufacturers OPB970 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
OPTEK Technology Inc. —
1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue C.1 1/10
Page 2 of 6
Photologic
®
Slotted Optical Switch
OPB960, OPB970, OPB980, OPB990 Series
OPTEK reserves the right to make any changes at any time in order to improve design and to supply the best product possible.
Lead No.
Function
1
Anode
2
Cathode
3
Vcc
4
Output
5
Ground
TABLE 1
PACKAGE OUTLINE for OPB960 and OPB970 Series
APERTURE WIDTH GUIDE
CODE
LED
SENSOR
55
.050” [1.27mm]
.050” [1.27mm]
51
.050” [1.27mm]
.010” [0.25mm]
11
.010” [0.25mm]
.010” [0.25mm]
Lengths are .050” [1.27mm]
Notes:
(1) RMA flux recommended. Duration can be extended to 10 seconds max.
(2) Feature controlled at body.
(3) Highly activated water soluble fluxes may attack plastic. Recommend trial to verify application.
(4) Maximum lead soldering temperature [1.6mm from case for 5 seconds with soldering iron] 260° C.
(5) Cathode lead may be shorter.
(6) Part number marking may be on any side.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com