Electronic Components Datasheet Search
  English  ▼

X  

LMV981MF Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMV981MF
Description  Dual 1.8V, RRIO Operational Amplifiers with Shutdown
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV981MF Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LMV981MF Datasheet HTML 3Page - National Semiconductor (TI) LMV981MF Datasheet HTML 4Page - National Semiconductor (TI) LMV981MF Datasheet HTML 5Page - National Semiconductor (TI) LMV981MF Datasheet HTML 6Page - National Semiconductor (TI) LMV981MF Datasheet HTML 7Page - National Semiconductor (TI) LMV981MF Datasheet HTML 8Page - National Semiconductor (TI) LMV981MF Datasheet HTML 9Page - National Semiconductor (TI) LMV981MF Datasheet HTML 10Page - National Semiconductor (TI) LMV981MF Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
LMV981-N, LMV982-N
www.ti.com
SNOS976L – NOVEMBER 2001 – REVISED MARCH 2013
5V DC Electrical Characteristics (continued)
Unless otherwise specified, all limits ensured for TJ = 25°C. V
+ = 5V, V − = 0V, V
CM = V
+/2, V
O = V
+/2, R
L > 1 MΩ and SHDN
tied to V
+. Boldface limits apply at the temperature extremes. See (1).
Parameter
Test Conditions
Min (2)
Typ (3)
Max (2)
Units
PSRR
Power Supply Rejection Ratio
1.8V
≤ V+ ≤ 5V
75
100
dB
VCM = 0.5V
70
CMVR
Input Common-Mode Voltage
For CMRR
TA = 25°C
V−
−0.2
−0.2 to 5.3
V+ +0.2
Range
Range
≥ 50dB
TA = −40°C to 85°C
V−
V+
V
TA = 125°C
V− +0.3
V+
−0.3
AV
Large Signal Voltage Gain
RL = 600Ω to 2.5V,
88
102
(LMV981-N Single)
VO = 0.2V to 4.8V
87
dB
RL = 2kΩ to 2.5V,
94
113
VO = 0.2V to 4.8V
93
Large Signal Voltage Gain
RL = 600Ω to 2.5V,
81
90
LMV982 (Dual)
VO = 0.2V to 4.8V
78
dB
RL = 2kΩ to 2.5V,
85
100
VO = 0.2V to 4.8V
82
VO
Output Swing
RL = 600Ω to 2.5V
4.855
4.890
VIN = ±100mV
(4)
4.835
0.120
0.160
0.180
V
RL = 2kΩ to 2.5V
4.945
4.967
VIN = ±100mV
4.935
0.037
0.065
0.075
IO
Output Short Circuit Current
LMV981-N, Sourcing, VO = 0V
80
100
(5)
VIN = 100mV
68
mA
Sinking, VO = 5V
58
65
VIN = −100mV
45
Ton
Turn-on Time from Shutdown
8.4
μs
VSHDN
Turn-on Voltage to enable part
4.2
V
Turn-off Voltage
0.8
(5)
Applies to both single-supply and split-supply operation. Continuous short circuit operation at elevated ambient temperature can result in
exceeding the maximum allowed junction temperature of 150°C. Output currents in excess of 45mA over long term may adversely affect
reliability.
5V AC Electrical Characteristics
Unless otherwise specified, all limits ensured for TJ = 25°C. V
+ = 5V, V − = 0V, V
CM = V
+/2, V
O = 2.5V, R L > 1 MΩ and SHDN
tied to V
+.Boldface limits apply at the temperature extremes. See (1).
Parameter
Test Conditions
Min (2)
Typ (3)
Max (2)
Units
SR
Slew Rate
(4)
0.42
V/µs
GBW
Gain-Bandwidth Product
1.5
MHz
Φm
Phase Margin
71
deg
Gm
Gain Margin
8
dB
en
Input-Referred Voltage Noise
f = 10 kHz, VCM = 1V
50
nV/
√Hz
in
Input-Referred Current Noise
f = 10 kHz
0.08
pA/
√Hz
(1)
Electrical Table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very
limited self-heating of the device such that TJ = TA. No ensured specification of parametric performance is indicated in the electrical
tables under conditions of internal self heating where TJ > TA. See Application Note section for information on temperature derating of
this device. Absolute Maximum Ratings indicated junction temperature limits beyond which the device may be permanently degraded,
either mechanically or electrically.
(2)
All limits are specified by testing or statistical analysis.
(3)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and will also depend on the application and configuration. The typical values are not tested and are not ensured on shipped
production material.
(4)
Connected as voltage follower with input step from V− to V+. Number specified is the slower of the positive and negative slew rates.
Copyright © 2001–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LMV981-N LMV982-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com