Electronic Components Datasheet Search
  English  ▼

X  

OPA237 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # OPA237
Description  SINGLE-SUPPLY OPERATIONAL AMPLIFIERS MicroAmplifier Series
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

OPA237 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button OPA237 Datasheet HTML 4Page - National Semiconductor (TI) OPA237 Datasheet HTML 5Page - National Semiconductor (TI) OPA237 Datasheet HTML 6Page - National Semiconductor (TI) OPA237 Datasheet HTML 7Page - National Semiconductor (TI) OPA237 Datasheet HTML 8Page - National Semiconductor (TI) OPA237 Datasheet HTML 9Page - National Semiconductor (TI) OPA237 Datasheet HTML 10Page - National Semiconductor (TI) OPA237 Datasheet HTML 11Page - National Semiconductor (TI) OPA237 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
OPA237
OPA2237
OPA4237
SBOS057A − OCTOBER 1996 − REVISED FEBRUARY 2007
www.ti.com
8
TYPICAL CHARACTERISTICS (Continued)
At TA = +25°C and RL = 10kΩ, unless otherwise noted.
SMALL−SIGNAL STEP RESPONSE
(G = 1, C
L = 100pF, VS =+5V)
1
µs/div
SMALL−SIGNAL STEP RESPONSE
(G = 1, C
L = 220pF, VS =+5V)
2
µs/div
LARGE−SIGNAL STEP RESPONSE
(G = 1, C
L = 100pF, VS =+5V)
10
µs/div
SETTLING TIME vs GAIN
Gain (V/V)
100
10
1
−1
−10
−100
0.01%
0.1%
V
S =+2.7V,
1V Step
V
S = ± 15V,
10V Step
V
S =+5V,
3V Step
OUTPUT VOLTAGE SWING vs OUTPUT CURRENT
V+
(V+)
−0.5
(V+)
−1
(V+)
−1.5
(V+)
−2
(V
−)+2
(V
−)+1.5
(V
−)+1
(V
−)+0.5
V
−
01
2
3
4
5
Output Current (mA)
+125
_C
+25
_C
−55_C
+125
_C
+25
_C
+125
_C
−55_C
Sinking Current
Sourcing Current
70
60
50
40
30
20
10
0
10
100
1k
10k
Load Capacitance (pF)
SMALL−SIGNAL OVERSHOOT
vs LOAD CAPACITANCE
G= +1, V
S = +2.7V, +5V
G= +1, V
S = ± 15V
G=
−1, V
S = ± 15V
G=
−2, V
S = +2.7V, +5V
G=
−10, V
S = +2.7V,
+5V,
±15V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com