Electronic Components Datasheet Search
  English  ▼

X  

OPA251PA Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # OPA251PA
Description  Single-Supply, MicroPOWER OPERATIONAL AMPLIFIERS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

OPA251PA Datasheet(HTML) 2 Page - National Semiconductor (TI)

  OPA251PA Datasheet HTML 1Page - National Semiconductor (TI) OPA251PA Datasheet HTML 2Page - National Semiconductor (TI) OPA251PA Datasheet HTML 3Page - National Semiconductor (TI) OPA251PA Datasheet HTML 4Page - National Semiconductor (TI) OPA251PA Datasheet HTML 5Page - National Semiconductor (TI) OPA251PA Datasheet HTML 6Page - National Semiconductor (TI) OPA251PA Datasheet HTML 7Page - National Semiconductor (TI) OPA251PA Datasheet HTML 8Page - National Semiconductor (TI) OPA251PA Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
2
®
OPA241, 2241, 4241
OPA251, 2251, 4251
OPA241UA, PA
OPA251UA, PA
OPA2241UA, PA
OPA2251UA, PA
OPA4241UA, PA
OPA4251UA, PA
PARAMETER
CONDITION
MIN
TYP(1)
MAX
MIN
TYP(1)
MAX
UNITS
OFFSET VOLTAGE
Input Offset Voltage
VOS
±50
±250
±100
µV
TA = –40°C to +85°C
±100
±400
±130
µV
vs Temperature
dVOS/dT
TA = –40°C to +85°C
±0.4
±0.6
µV/°C
vs Power Supply
PSRR
VS = 2.7V to 36V
3
30
TT
µV/V
TA = –40°C to +85°C
VS = 2.7V to 36V
30
T
µV/V
Channel Separation (dual, quad)
0.3
T
µV/V
INPUT BIAS CURRENT
Input Bias Current(2)
IB
–4
–20
T
nA
TA = –40°C to +85°C
–25
nA
Input Offset Current
IOS
±0.1
±2
T
nA
TA = –40°C to +85°C
±2
nA
NOISE
Input Voltage Noise, f = 0.1Hz to 10Hz
1
T
µVp-p
Input Voltage Noise Density, f = 1kHz
en
45
T
nV/
√Hz
Current Noise Density, f = 1kHz
in
40
T
fA/
√Hz
INPUT VOLTAGE RANGE
Common-Mode Voltage Range
VCM
–0.2
(V+) –0.8
V
Common-Mode Rejection Ratio
CMRR
VCM = –0.2V to (V+) –0.8V
80
106
T
dB
TA = –40°C to +85°C
VCM = 0V to (V+) –0.8V
80
dB
INPUT IMPEDANCE
Differential
107 || 2
T
Ω || pF
Common-Mode
109 || 4
T
Ω || pF
OPEN-LOOP GAIN
Open-Loop Voltage Gain
AOL
RL = 100kΩ, VO = (V–)+100mV to (V+)–100mV
100
120
T
dB
TA = –40°C to +85°C
RL = 100kΩ, VO = (V–)+100mV to (V+)–100mV
100
dB
RL = 10kΩ, VO = (V–)+200mV to (V+)–200mV
100
120
T
dB
TA = –40°C to +85°C
RL = 10kΩ, VO = (V–)+200mV to (V+)–200mV
100
dB
FREQUENCY RESPONSE
Gain-Bandwidth Product
GBW
35
T
kHz
Slew Rate
SR
VS = 5V, G = 1
0.01
T
V/
µs
Overload Recovery Time
VIN • G = VS
60
T
µs
OUTPUT
Voltage Output Swing from Rail(3)
VO
RL = 100kΩ to VS/2, AOL ≥ 70dB
50
T
mV
RL = 100kΩ to VS/2, AOL ≥ 100dB
75
100
T
mV
TA = –40°C to +85°C
RL = 100kΩ to VS/2, AOL ≥ 100dB
100
mV
RL = 10kΩ to VS/2, AOL ≥ 100dB
100
200
T
mV
TA = –40°C to +85°C
RL = 10kΩ to VS/2, AOL ≥ 100dB
200
mV
Short-Circuit Current
ISC
Single Versions
–24/+4
T
mA
Dual, Quad Versions
–30/+4
T
mA
Capacitive Load Drive
CLOAD
See Typical Curve
T
POWER SUPPLY
Specified Voltage Range
VS
+2.7 to +5
T
V
Operating Voltage Range
TA = –40°C to +85°C
+2.7
+36
TT
V
Quiescent Current (per amplifier)
IQ
IO = 0
±25
±30
T
µA
TA = –40°C to +85°C
IO = 0
±36
µA
TEMPERATURE RANGE
Specified Range
–40
+85
TT
°C
Operating Range
–55
+125
TT
°C
Storage Range
–55
+125
TT
°C
Thermal Resistance
θ
JA
8-Pin DIP
100
T
°C/W
SO-8 Surface Mount
150
T
°C/W
14-Pin DIP
80
T
°C/W
SO-14 Surface Mount
100
T
°C/W
T Specifications the same as OPA241UA, PA.
NOTES: (1) VS = +5V. (2) The negative sign indicates input bias current flows out of the input terminals. (3) Output voltage swings are measured between the
output and power supply rails.
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN assumes
no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change
without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not authorize or warrant
any BURR-BROWN product for use in life support devices and/or systems.
SPECIFICATIONS: VS = 2.7V to 5V
At TA = +25°C, RL = 100kΩ connected to VS/2, unless otherwise noted.
Boldface limits apply over the specified temperature range, TA = –40°C to +85°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com