Electronic Components Datasheet Search
  English  ▼

X  

2KBP005 Datasheet(PDF) 1 Page - Digitron Semiconductors

Part # 2KBP005
Description  SINGLE PHASE BRIDGE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

2KBP005 Datasheet(HTML) 1 Page - Digitron Semiconductors

  2KBP005 Datasheet HTML 1Page - Digitron Semiconductors 2KBP005 Datasheet HTML 2Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
2KBP005M-2KBP10M SERIES
SINGLE PHASE BRIDGE RECTIFIER
Available Non-RoHS (standard) or RoHS compliant (add PBF suffix).
Available as “HR” (high reliability) screened per MIL-PRF-19500, JANTX level. Add “HR” suffix to base part number.
MAXIMUM RATINGS (@ 25°C ambient temperature unless otherwise noted)
Rating
Symbol
2KBP
005M
2KBP
01M
2KBP
02M
2KBP
04M
2KBP
06M
2KBP
08M
2KBP
10M
Units
Maximum repetitive peak reverse voltage
VRRM
50
100
200
400
600
800
1000
Volts
Maximum RMS voltage
VRMS
35
70
140
280
420
560
700
Volts
Maximum DC blocking voltage
VDC
50
100
200
400
600
800
1000
Volts
Maximum average forward output rectified
current at TA = 55°C
IF(AV)
2.0
Amps
Peak forward surge current single half-sine
wave superimposed on rated load TJ= 150°C
IFSM
60.0
Amps
Rating for fusing (t < 8.3ms)
I2t
15.0
A2s
Typical thermal resistance per leg (1)
R
ӨJA
R
ӨJL
30.0
11.0
°C/W
Operating and storage temperature range
TJ, Tstg
-55 to +165
°C
Note 1: Thermal resistance from junction to ambient and from junction to lead mounted on PCB with 0.47 x 0.47” copper pads.
ELECTRICAL CHARACTERISTICS (@ 25°C ambient temperature unless otherwise noted)
Characteristic
Symbol
2KBP
005M
2KBP
01M
2KBP
02M
2KBP
04M
2KBP
06M
2KBP
08M
2KBP
10M
Units
Maximum instantaneous forward voltage drop
per leg at 3.14A
VF
1.1
Volts
Maximum DC reverse current at rated DC
blocking voltage per leg
TA = 25°C
TA = 125°C
IR
5
500
µA
Typical junction capacitance(2)
CJ
25
pF
Note 2: Measured at 1.0 MHz and applied reverse voltage of 4.0V.
MECHANICAL CHARACTERISTICS
Case
Digi M
Marking
Body painted, alpha-numeric
Pin out
See below
Digi M
Inches
Millimeters
Min
Max
Min
Max
A
0.580
0.620
14.732
15.748
B
0.360
0.400
9.144
10.160
C
0.185
0.195
4.699
4.953
D
0.025
0.035
0.635
0.889
F
0.080
0.090
2.032
2.286
G
0.040
0.055
1.016
1.397
H
0.390
0.430
9.906
10.922
J
0.145
0.160
3.683
4.064
K
0.080
0.090
2.032
2.286
L
0.090
0.110
2.286
2.794
M
0.025
0.035
0.635
0.889
fax +1.908.245-0555
sales@digitroncorp.com
www.digitroncorp.com
Rev. 20130128


Similar Part No. - 2KBP005

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
2KBP005 GE-2KBP005 Datasheet
79Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
International Rectifier
2KBP005 IRF-2KBP005 Datasheet
47Kb / 3P
2A single phase rectifier bridge
logo
Vishay Siliconix
2KBP005 VISHAY-2KBP005 Datasheet
105Kb / 4P
Single Phase Rectifier Bridge, 2 A
17-Jun-08
logo
EIC discrete Semiconduc...
2KBP005 EIC-2KBP005 Datasheet
51Kb / 2P
SILICON BRIDGE RECTIFIERS
logo
Micro Commercial Compon...
2KBP005 MCC-2KBP005 Datasheet
279Kb / 3P
2.0 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
More results

Similar Description - 2KBP005

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
KBU4A GE-KBU4A Datasheet
83Kb / 2P
SINGLE-PHASE BRIDGE RECTIFIER
logo
Microsemi Corporation
1N4436 MICROSEMI-1N4436 Datasheet
111Kb / 3P
Single Phase Bridge Rectifier
logo
IXYS Corporation
VBO25 IXYS-VBO25 Datasheet
87Kb / 2P
Single Phase Rectifier Bridge
VBO13 IXYS-VBO13 Datasheet
84Kb / 2P
Single Phase Rectifier Bridge
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Solid States Devices, I...
SDA276A SSDI-SDA276A Datasheet
80Kb / 2P
SINGLE PHASE BRIDGE RECTIFIER
logo
Microsemi Corporation
1N4436 MICROSEMI-1N4436_07 Datasheet
117Kb / 2P
Single Phase Bridge Rectifier
logo
Naina Semiconductor ltd...
25MB NAINA-25MB Datasheet
105Kb / 2P
Single Phase Bridge Rectifier
logo
Diotec Semiconductor
KBPC1500FW DIOTEC-KBPC1500FW_18 Datasheet
392Kb / 2P
Single Phase Bridge Rectifier
logo
IXYS Corporation
VBO20 IXYS-VBO20 Datasheet
185Kb / 2P
Single Phase Rectifier Bridge
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com