Electronic Components Datasheet Search
  English  ▼

X  

2N490 Datasheet(PDF) 1 Page - Digitron Semiconductors

Part # 2N490
Description  NPN SILICON UNIJUNCTION TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

2N490 Datasheet(HTML) 1 Page - Digitron Semiconductors

  2N490 Datasheet HTML 1Page - Digitron Semiconductors 2N490 Datasheet HTML 2Page - Digitron Semiconductors 2N490 Datasheet HTML 3Page - Digitron Semiconductors 2N490 Datasheet HTML 4Page - Digitron Semiconductors 2N490 Datasheet HTML 5Page - Digitron Semiconductors 2N490 Datasheet HTML 6Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
2N489-2N494, A, B
NPN SILICON UNIJUNCTION TRANSISTOR
Silicon unijunction transistors are three-terminal device having a stable “N” type negative resistance characteristic over a wide
temperature range.
FEATURES
•
Stable operation over wide temperature range
•
Low leakage current
•
Low peak point current
•
Guaranteed minimum pulse voltage
•
Available as “HR” (high reliability) screened per MIL-PRF-19500, JANTX level. Add “HR” suffix to base part number.
•
Available Non-RoHS (standard) or RoHS compliant (add PBF suffix).
MAXIMUM RATINGS
Rating
Value
Total RMS Power Dissipation (Unstabilized)
450mW
Total RMS Power Dissipation (Stabilized)
600mW
RMS Emitter Current
70mA
Peak Emitter Current (TJ = 150°C)
2 A
Emitter Reverse Voltage (TJ = 150°C)
60 V
Operating Temperature Range
-65° to +140°C
Operating Temperature Range (Stabilized)
-65° to +175°C
Storage Temperature Range
-65° to +175°C
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted)
Maximum
Minimum
Intrinsic
standoff ratio
(1)
Interbase
resistance (2)
Modulated
interbase
current
Emitter
saturation
voltage
Emitter reverse current
Peak point
current
Valley point
current
VBB = 3V
IR = 50mA
VBB = 10V
IE = 50mA
VBB = 10V
VB2E =
60V
TJ =
150°C
VB2E =
10V
VB2E
=30V
VBB = 25V
RB2 = 100Ω
VBB = 20V
Base one
peak pulse
voltage
VRR = 10V
RBBO
IB2(MOI)
VE(SAT)
IEB2O
IEB2O
IEB2O
IP
IV
VOB1
ŋ
kΩ
mA
Part number
Min
Max
Min
Max
Min
Max
Volts
µA
µA
µA
µA
mA
Volts
2N489
.51
.62
4.7
6.8
6.8
22
5
2
20
-
12
8
-
2N489A
.51
.62
4.7
6.8
6.8
22
4
2
20
-
12
8
3
2N489B
.51
.62
4.7
6.8
6.8
22
4
2
20
0.2
6
8
3
2N490
.51
.62
6.2
9.1
6.8
22
5
2
20
-
12
8
-
2N490A
.51
.62
6.2
9.1
6.8
22
4
2
20
-
12
8
3
2N490B
.51
.62
6.2
9.1
6.8
22
4
2
20
0.2
6
8
3
2N490C
.51
.62
6.2
9.1
6.8
22
4
2
20
0.02
2
8
3
2N491
.56
.68
4.7
6.8
6.8
22
5
2
20
-
12
8
-
2N491A
.56
.68
4.7
6.8
6.8
22
4.3
2
20
-
12
8
3
2N491B
.56
.68
4.7
6.8
6.8
22
4.3
2
20
0.2
6
8
3
2N492
.56
.68
6.2
9.1
6.8
22
5
2
20
-
12
8
-
2N492A
.56
.68
6.2
9.1
6.8
22
4.3
2
20
-
12
8
3
2N492B
.56
.68
6.2
9.1
6.8
22
4.3
2
20
0.2
6
8
3
2N492C
.56
.68
6.2
9.1
6.8
22
4.3
2
20
0.02
2
8
3
2N493
.62
.75
4.7
6.8
6.8
22
5
2
20
-
12
8
-
2N493A
.62
.75
4.7
6.8
6.8
22
4.6
2
20
-
12
8
3
2N493B
.62
.75
4.7
6.8
6.8
22
4.6
2
20
0.2
6
8
3
2N494
.62
.75
6.2
9.1
6.8
22
5
2
20
-
12
8
-
2N494A
.62
.75
6.2
9.1
6.8
22
4.6
2
20
-
12
8
3
2N494B
.62
.75
6.2
9.1
6.8
22
4.6
2
20
0.2
6
8
3
2N494C
.62
.75
6.2
9.1
6.8
22
4.6
2
20
0.02
2
8
3
sales@digitroncorp.com
fax +1.908.245-0555
www.digitroncorp.com
Rev. 20121023


Similar Part No. - 2N490

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
2N490 NJSEMI-2N490 Datasheet
144Kb / 1P
Diode
2N490 NJSEMI-2N490 Datasheet
76Kb / 1P
UNIJUNCTION TRANSISTORS
logo
Mospec Semiconductor
2N4900 MOSPEC-2N4900 Datasheet
180Kb / 4P
POWER TRANSISTORS(1A, 25W)
logo
Central Semiconductor C...
2N4900 CENTRAL-2N4900 Datasheet
51Kb / 1P
Power Transistors
logo
List of Unclassifed Man...
2N4900 ETC-2N4900 Datasheet
347Kb / 8P
Power Transistors
More results

Similar Description - 2N490

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2N2646 PHILIPS-2N2646 Datasheet
488Kb / 4P
Silicon unijunction transistor
December 1990
logo
Central Semiconductor C...
2N4851 CENTRAL-2N4851 Datasheet
716Kb / 2P
PN SILICON UNIJUNCTION TRANSISTOR
logo
New Jersey Semi-Conduct...
2N5431 NJSEMI-2N5431 Datasheet
115Kb / 1P
SILICON UNIJUNCTION TRANSISTOR
2N6116 NJSEMI-2N6116 Datasheet
164Kb / 2P
SILICON PROGRAMMABLE UNIJUNCTION TRANSISTOR
logo
Digitron Semiconductors
MU4891 DIGITRON-MU4891 Datasheet
199Kb / 2P
SILICON UNIJUNCTION TRANSISTOR
MU2646 DIGITRON-MU2646 Datasheet
121Kb / 2P
SILICON UNIJUNCTION TRANSISTOR
2N2646 DIGITRON-2N2646 Datasheet
206Kb / 2P
SILICON UNIJUNCTION TRANSISTOR
2N2417 DIGITRON-2N2417 Datasheet
207Kb / 2P
SILICON UNIJUNCTION TRANSISTOR
logo
New Jersey Semi-Conduct...
PN6116 NJSEMI-PN6116 Datasheet
89Kb / 1P
SILICON PROGRAMMABLE UNIJUNCTION TRANSISTOR
logo
Vishay Telefunken
BSV57B TFUNK-BSV57B Datasheet
38Kb / 2P
Silicon Unijunction Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com