Electronic Components Datasheet Search
  English  ▼

X  

1N5772 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # 1N5772
Description  Isolated Diode Array with HiRel MQ, MX, MV, and MSP Screening Options
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N5772 Datasheet(HTML) 2 Page - Microsemi Corporation

  1N5772 Datasheet HTML 1Page - Microsemi Corporation 1N5772 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Isolated Diode Array with
HiRel MQ, MX, MV, and MSP Screening Options
Microsemi
Scottsdale Division
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 2
Copyright
 2003
5-03-2004 REV A
SCOTTSD A L E DIVISION
1N5772
SYMBOLS & DEFINITIONS
Symbol
DEFINITION
VBR
Minimum Breakdown Voltage: The minimum voltage the device will exhibit at a specified current.
VF
Maximum Forward Voltage: The maximum forward voltage the device will exhibit at a specified current.
IR
Maximum Leakage Current: The maximum leakage current that will flow at the specified voltage and
temperature.
Ct
Capacitance: The capacitance of the TVS as defined @ 0 volts at a frequency of 1 MHz and stated in
picofarads.
SCHEMATIC
PACKAGE DIMENSIONS
CIRCUIT
Supply rail (+VCC)
GND (or -VCC)
Steering Diode Application
FIGURE 1
I/O Port



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com