Electronic Components Datasheet Search
  English  ▼

X  

5111595-2 Datasheet(PDF) 2 Page - Tyco Electronics

Part # 5111595-2
Description  Ribbon Cable Connector Selection Guide
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

5111595-2 Datasheet(HTML) 2 Page - Tyco Electronics

  5111595-2 Datasheet HTML 1Page - Tyco Electronics 5111595-2 Datasheet HTML 2Page - Tyco Electronics 5111595-2 Datasheet HTML 3Page - Tyco Electronics 5111595-2 Datasheet HTML 4Page - Tyco Electronics 5111595-2 Datasheet HTML 5Page - Tyco Electronics 5111595-2 Datasheet HTML 6Page - Tyco Electronics 5111595-2 Datasheet HTML 7Page - Tyco Electronics 5111595-2 Datasheet HTML 8Page - Tyco Electronics 5111595-2 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 100 page
background image
2
Catalog 82012
Dimensions are shown for
Dimensions are in inches
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
and millimeters unless
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
otherwise specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
Ribbon Cable Connector Selection Guide
Ribbon Cable Interconnect Solutions
Male-on-Wire
215083 Series,
Page 12
Mates to .50" x .50"
Micro-MaTch
Female Top Entry,
215079 Series,
PCB Connector
Page 8
.050" [1.27 mm]
Cable Pitch
Male-on-Wire
215083 Series,
Page 12
Mates to .050" x .050"
Micro-MaTch
Female Side Entry,
215460 Series,
PCB Connector
Page 9
Male-on-Wire
215083 Series,
Page 12
Mates to .050" x .050"
Micro-MaTch
Female Top Entry
SMD, 188275 Series,
PCB Connector
Page 10
50/50 Grid
Receptacle
Connector with or
without latch
50/50 Grid
Receptacle
Connectors
without latch
Mates to 50" x 50"
Right-Angle
Headers
Mates to 50" x 50"
Vertical Headers
Paddle Board
Connector,
215570 Series,
Page 13
Solders directly to
2.54mm x 1.27mm
Staggered 2 row
PCB Footprint
.050" [1.27 mm]
Cable Pitch
(Continued)
System 50
Receptacles
Pages 8-11
Mates to .050" x .100"
2-Row Pin Header
Grid
Pages 10 and 11
Ultra ATA Bus
Receptacles
Pages 13-15
Mates to .100" x .100"
2-Row Pin Header
Grid
Page 15
Solders to
.075" x .100"
4-Row PCB Layout
.025" [0.64 mm]
Cable Pitch
Mates to .078" [2 mm]
x .078" [2 mm]
2-Row Pin Header
Grid
See 5176264, 5178751 Series
and Part Number 1775109
(Not in this Catalog)
.039" [1.00 mm]
Cable Pitch
2 mm
Receptacle
Connectors
Pages 16 and 17
System 50
Paddleboard
Page 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com