Electronic Components Datasheet Search
  English  ▼

X  

CS1108 Datasheet(PDF) 1 Page - Cherry Semiconductor Corporation

Part # CS1108
Description  Single Lamp Driver IC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS1108 Datasheet(HTML) 1 Page - Cherry Semiconductor Corporation

  CS1108 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS1108 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS1108 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS1108 Datasheet HTML 4Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Features
VCC
Control
Output
Gnd
Gnd
Gnd
Gnd
Duty cycle
during
short circuit
Overtemp
Shutdown
short circuit
detect
open circuit
detect
ISOURCE
VCC(SENSE)
Drive
& Bias
+
+
-
-
Fault
s
Fault Detection
Open Circuit
Short Circuit
Over Temperature
s
VCC Sense: Output Turns
On with Loss of VCC
s
Low Standby Current
Package Options
Single Lamp Driver IC
CS1108
Description
This ASIC provides up to 350mA of
drive current for powering bulbs.
The typical application for this part
is for use in airbag systems using a
type 194 bulb. On chip diagnostics
provide open circuit and short cir-
cuit detection in the output on
mode. In addition, the output
driver will turn on (sink current)
when VCC is low.
is an
active-low output which reports in
the output-on mode. Internal pull-
up circuitry is provided to ensure
the output pin turns on when the
Control pin is floating.
Fault
Block Diagram
Absolute Maximum Ratings
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -65ûC to 150ûC
VCC,
, Control . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to 6V
ESD Capability (Human Body Model). . . . . . . . . . . . . . . . . . . . . . . . . . . 2kV
Peak Transient Voltage (output off mode, output pin only)
(26V load Dump @ 14V VBAT) . . . . . . . . . . . . . . . . . . . . . . . . . . . . .40V
Lead Temperature Soldering
Reflow (SMD styles only) . . . . 60 sec. max above 183¡C, 230¡C peak
Fault
Output 1
VCC
Gnd
Gnd
Control
Gnd
Gnd
Fault
8 Lead SO
(internally fused leads)
1
Rev. 12/28/98
Cherry Semiconductor Corporation
2000 South County Trail, East Greenwich, RI 02818
Tel: (401)885-3600 Fax: (401)885-5786
Email: info@cherry-semi.com
Web Site: www.cherry-semi.com
A
Company
¨


Similar Part No. - CS1108

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS1108 ONSEMI-CS1108 Datasheet
45Kb / 4P
Single Lamp Driver IC
April, 2001 ??Rev. 6
CS1108EDF8 ONSEMI-CS1108EDF8 Datasheet
45Kb / 4P
Single Lamp Driver IC
April, 2001 ??Rev. 6
CS1108EDFR8 ONSEMI-CS1108EDFR8 Datasheet
45Kb / 4P
Single Lamp Driver IC
April, 2001 ??Rev. 6
More results

Similar Description - CS1108

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M5003 ETC-M5003 Datasheet
108Kb / 4P
EL LAMP DRIVER IC
D305A ETC1-D305A Datasheet
398Kb / 12P
Electroluminescent Lamp Driver IC
D306A ETC1-D306A Datasheet
407Kb / 13P
Electroluminescent Lamp Driver IC
D340B ETC1-D340B Datasheet
364Kb / 9P
Electroluminescent Lamp Driver IC
D356A ETC1-D356A Datasheet
489Kb / 12P
Electroluminescent Lamp Driver IC
D356B ETC1-D356B Datasheet
516Kb / 12P
Electroluminescent Lamp Driver IC
D371A ETC1-D371A Datasheet
359Kb / 14P
Electroluminescent Lamp Driver IC
logo
ON Semiconductor
CS1108 ONSEMI-CS1108 Datasheet
45Kb / 4P
Single Lamp Driver IC
April, 2001 ??Rev. 6
MC33441 ONSEMI-MC33441_06 Datasheet
275Kb / 9P
Electroluminescent Lamp Driver IC
July, 2006 ??Rev. 3
logo
SHENZHEN FUMAN ELECTRON...
SC1001 FUMAN-SC1001 Datasheet
158Kb / 5P
EL LAMP DRIVER IC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com