Electronic Components Datasheet Search
  English  ▼

X  

CS235 Datasheet(PDF) 6 Page - Cherry Semiconductor Corporation

Part # CS235
Description  System Photoelectric Smoke Detector
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS235 Datasheet(HTML) 6 Page - Cherry Semiconductor Corporation

  CS235 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS235 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS235 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS235 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS235 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS235 Datasheet HTML 6Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Thermal Data
18L
18L
SO Wide
PDIP
RQJC
typ
21
29
ûC/W
RQJA
typ
100
65
ûC/W
6
Rev. 7/6/98
Package Specification
PACKAGE DIMENSIONS IN mm (INCHES)
D
Lead Count
Metric
English
Max
Min
Max
Min
18L PDIP
23.37
22.35
.920
.880
18L SO Wide
11.75
11.35
.463
.447
PACKAGE THERMAL DATA
Ordering Information
Part Number
Description
CS235GDW18
18L SO
CS235GDWR18
18L SO (tape & reel)
CS235GN18
18L PDIP
© 1999 Cherry Semiconductor Corporation
Cherry Semiconductor Corporation reserves the
right to make changes to the specifications without
notice. Please contact Cherry Semiconductor
Corporation for the latest available information.
Plastic DIP (N); 300 mil wide
0.39 (.015)
MIN.
2.54 (.100) BSC
1.77 (.070)
1.14 (.045)
D
Some 8 and 16 lead
packages may have
1/2 lead at the end
of the package.
All specs are the same.
.203 (.008)
.356 (.014)
REF: JEDEC MS-001
3.68 (.145)
2.92 (.115)
8.26 (.325)
7.62 (.300)
7.11 (.280)
6.10 (.240)
.356 (.014)
.558 (.022)
Surface Mount Wide Body (DW); 300 mil wide
1.27 (.050) BSC
7.60 (.299)
7.40 (.291)
10.65 (.419)
10.00 (.394)
D
0.32 (.013)
0.23 (.009)
1.27 (.050)
0.40 (.016)
REF: JEDEC MS-013
2.49 (.098)
2.24 (.088)
0.51 (.020)
0.33 (.013)
2.65 (.104)
2.35 (.093)
0.30 (.012)
0.10 (.004)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com