Electronic Components Datasheet Search
  English  ▼

X  

NKCF90 Datasheet(PDF) 2 Page - Nell Semiconductor Co., Ltd

Part # NKCF90
Description  Fast Recovery Diodes, 90A
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

NKCF90 Datasheet(HTML) 2 Page - Nell Semiconductor Co., Ltd

  NKCF90 Datasheet HTML 1Page - Nell Semiconductor Co., Ltd NKCF90 Datasheet HTML 2Page - Nell Semiconductor Co., Ltd NKCF90 Datasheet HTML 3Page - Nell Semiconductor Co., Ltd NKCF90 Datasheet HTML 4Page - Nell Semiconductor Co., Ltd NKCF90 Datasheet HTML 5Page - Nell Semiconductor Co., Ltd NKCF90 Datasheet HTML 6Page - Nell Semiconductor Co., Ltd NKCF90 Datasheet HTML 7Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SEMICONDUCTOR
ELECTRICAL SPECIFICATIONS
Nell High Power Products
RoHS
RoHS
VOLTAGE RATINGS
VOLTAGE
TYPE
NUMBER
CODE
V
, MAXIMUM
RRM
REPETITIVE
PEAK REVERSE VOLTAGE
V
V
, MAXIMUM
RSM
NON-REPETITIVE
PEAK REVERSE VOLTAGE
V
l
,
MAXIMUM
RRM
AT
= 150°
C
TJ
mA
06
08
12
14
16
600
800
1200
1400
1600
700
900
1300
1500
1700
15
FORWARD CONDUCTION
PARAMETER
SYMBOL
UNIT
TEST CONDITIONS
VALUES
Maximum average forward current
at case temperature
IF(AV)
180° conduction, half sine wave
A
100
ºC
Maximum peak, one-cycle forward,
non-reptitive surge current
IFSM
t = 10ms
t = 8.3ms
t = 10ms
t
= 8.3ms
t = 10ms
t = 8.3ms
t = 10ms
t = 8.3ms
141
2300
2408
1936
2027
26.45
24.10
18.74
2
kA s
A
17.05
t = 0.1 to 10 ms, no voltage reapplied
Maximum l t for fusing
2
264.5
V
90
VFM
l
=270A,
FM
T = 25°C t = 400 µs square wave
J
, p
V
mΩ
2
I √t
2
kA √s
Maximum l √t for fusing
2
No voltage
reapplied
100%VRRM
reapplied
No voltage
reapplied
100%VRRM
reapplied
Sinusoidal half wave,
initial T = T maximum
J
J
IF(RMS)
VF(TO)2
rf2
Maximum forward voltage drop
Maximum value of forward slope resistance
Maximum value of threshold voltage
Maximum RMS forward current
DC at 100°C case temperature
T = T maximum
J
J
T = T maximum
J
J
A
1.10
2.10
1.75
2
I t
Page 2 of 7
www.nellsemi.com
NKCF90
NKDF90
NKJF90
NKEF90
NKDF90/NKJF90/NKCF90/NKEF90 Series
SWITCHING
500
PARAMETER
SYMBOL
UNIT
TEST CONDITIONS
trr
1300
14 to 16
Voltage code
300
ns
340
1000
Typical reverse recovery time
T = 25°C,
,
J
I = 1A to V = 30V
F
R
-dl /dt = 100 A/µs
F
nC
500
Qrr
1500
06 to 12
7000
Typical reverse recovered charge
T = 25°C, I = 1A to V = 30V,
J
F
R
-dl /dt = 100 A/µs
F
T = 25°C, -dl /dt = 25 A/µs,
J
F
l
=
π x rated l
FM
F(AV)
T = 25°C, -dl /dt = 25 A/µs,
J
F
l
=
x rated l
FM
F(AV)
π
120
1000
T = 25°C,
J
I = 0.5A, I = 1.0A,
F
R
I
= 250mA (RG#1 CKT)
RR



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com