Electronic Components Datasheet Search
  English  ▼

X  

2000-3 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 2000-3
Description  MICRO PINS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

2000-3 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  2000-3 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MICRO PINS
Tel (718) 956-8900 • Fax (718) 956-9040
(800) 221-5510 • kec@keyelco.com
www.keyelco.com
31-07 20th Road – Astoria, NY 11105-2017
®
100
Tel (718) 956-8900 • Fax (718) 956-9040
(800) 221-5510 • kec@keyelco.com
.155 [4.0]
.029 [0.72]
PENTAGON
.056 [1.42]
.060 [1.52]
.030 [0.76]
.018 [0.46]
.180 [4.6]
.080 [2.03]
.028 [0.71]
KNURL
.032 [0.81]
.020 [0.51]
.018 [0.46]
.019 [0.48]
SQUARE
A
.018 [0.46]
.060 [1.52]
.055 [1.40]
.038 [0.97]
.016 [0.41]
.049 [1.24]
.295 [7.5]
.125 [3.2]
.020 [0.51]
.062 [1.57]
.021 [0.53]
.025 [0.64]
.100 [2.6]
.047 [1.19]
L
L
.030 [0.76]
.078 [1.98]
.156 [4.0]
.058 [1.47]
.025 [0.64]
.062 [1.57]
.021 [0.53]
.200 [5.1]
.047 [1.19]
L
.025 [0.64]
.062 [1.57]
.025 [0.64]
.250 [6.4]
.040 [1.02]
.025 [0.64]
.065 [1.64]
.018 (.46) PIN - PRESS-FIT
.018 (.46) PIN- PRESS-FIT
.018 (.46) PIN - PRESS-FIT
.020 (.51) PIN - PRESS-FIT
.025 (.64) PIN - SWAGE MOUNT
.025 (.64) PIN - SWAGE MOUNT
.020 (.51) PIN - SOLDER MOUNT
.045 [1.14]
.020 [0.51]
.020 [0.51]
.020 [0.51]
A
.100 [2.6]
.025 (.64) PIN - SWAGE MOUNT
.025 (.64) PIN - SWAGE MOUNT
• Precision engineered and manufactured
• Space saving design for high density packaging
• Micro pins are available in .017 (.43) to .080 (2.03) diameters
• Ideal for mating with our standard line of micro jacks
• Available for press-fit, swage or solder mounting
• Custom micro pins manufactured to your specifications
• Other platings available upon request
SPECIFICATIONS
Material: Brass, ASTM-B16
Plating:
Gold: .000010 per MIL-G-45204
Tin: .000200 to .000300 per
MIL-T-10727, Type 1
(RoHS Compliant)
MATERIAL: Phosphor Bronze
DASH NUMBERS (L Dimension)
-1 for .032 (.81) thick Board
-2 for .062 (1.57) thick Board
-3 for .093 (2.36) thick Board
-4 for .125 (3.2) thick Board
Example: 1967-1 for .032 (.81) thick Board
1967-2 for .062 (1.57) thick Board
GOLD
TIN
A
Mtg. Hole
CAT. NO. CAT. NO.
Dim.
Dia.
1992-2 1994-2 .243 (6.2)
.022
1993-2 1995-2 .140 (3.6)
(.56)
GOLD
TIN
Mtg. Hole
CAT. NO. CAT. NO.
Dia.
1996-2 1997-2
.040 (1.01)
GOLD
TIN
Mtg. Hole
CAT. NO. CAT. NO.
Dia.
1990-2 1991-2
.026 (.66)
GOLD
TIN
Mtg. Hole
CAT. NO. CAT. NO.
Dia.
1988-2 1989-2
.026 (.66)
GOLD
TIN
A
Mtg. Hole
CAT. NO. CAT. NO.
Dim.
Dia.
1998-3 2000-3 .250 (6.4)
.024
1999-3 2001-3 .425 (10.8) (.61)
GOLD
TIN
L
Mtg. Hole
CAT. NO. CAT. NO. Length
Dia.
1404-1 1424-1 .051 (1.3)
.052
1404-2 1424-2 .082 (2.1) (1.32)
GOLD
TIN
L
Mtg. Hole
CAT. NO. CAT. NO. Length
Dia.
1408-1 1428-1 .062 (1.6)
.062
1408-2 1428-2 .094 (2.4)
(1.57)
GOLD
TIN
L
Mtg. Hole
CAT. NO. CAT. NO. Length
Dia.
1407-1 1427-1 .051 (1.3)
.052
1407-2 1427-2 .082 (2.1) (1.32)
RoHS
.020 [0.51]
.051 [1.30]
.010 [0.25]
.050 [1.27]
.031 [0.79]
.225 [5.7]
.020 (.51) PIN - SWAGE MOUNT
GOLD
TIN
Mtg. Hole
CAT. NO. CAT. NO.
Dia.
1366-1 1367-1
.035 (.89)
.020 (.51) PIN - SWAGE MOUNT
.025 (.64) PIN - SWAGE MOUNT
.025 [0.64]
L
.025 [0.64]
.062 [1.57]
.040 [1.02]
.150 [3.8]
GOLD
TIN
L
Mtg. Hole
CAT. NO. CAT. NO. Length
Dia.
1372-1 1373-1 .051 (1.3)
.031
1372-2 1373-2 .082 (2.1)
(.78)
GOLD
TIN
L
Mtg. Hole
CAT. NO. CAT. NO. Length
Dia.
1368-1 1369-1 .051 (1.3)
.043
1368-2 1369-2 .082 (2.1)
(1.09)
1368-3 1369-3 .113 (2.9)
.017 (.43) PIN - SOLDER MOUNT
.017 (.43) PIN -SWAGE MOUNT
.030 [0.76]
.186 [4.7]
.078 [1.98]
.049 [1.24]
L
.017 [0.43]
GOLD
TIN
L
Mtg. Hole
CAT. NO. CAT. NO. Length
Dia.
1967-1 1968-1 .051 (1.3)
.052
1967-2 1968-2 .082 (2.0) (1.32)
GOLD
TIN
Mtg. Hole
CAT. NO. CAT. NO.
Dia.
1378-1 1379-1
.022 (.56)
L
.010 [0.25]
.050 [1.27]
.020 [0.51]
.050 [1.27]
.027 [0.68]
GOLD
TIN
Mtg. Hole
CAT. NO. CAT. NO.
Dia.
1401-1
1421-1 .043 (1.09)
.018 (.46) PIN - PRESS-FIT
.018 [0.46]
.145 [3.7]
.045 [1.14]
.045 [1.14]
.020 [0.51]
.028 [0.71]
KNURL
GOLD
TIN
Mtg. Hole
CAT. NO. CAT. NO.
Dia.
1986-1 1987-1
.026 (.66)
.060 [1.52]
.025 [0.64]
.213 [5.4]
.030 [0.76]
L
.024 [0.61]
.024 (.61) PIN - SWAGE MOUNT
GOLD
TIN
L
Mtg. Hole
CAT. NO. CAT. NO. Length
Dia.
1406-1 1426-1 .047 (1.2)
.035
1406-2 1426-2 .078 (1.9)
(.89)
.019 [0.48]
.016 [0.41]
.061 [1.55]
.017 [0.43]
.173 [4.4]
.039 [0.99]
RoHS COMPLIANT ~ ISO 9001 CERTIFIED
M60Section6FREV1A1-COLOR 4/4/13 5:30PM Page100


Similar Part No. - 2000-3

ManufacturerPart #DatasheetDescription
logo
Dwyer Instruments,
2000-300CM DWYER-2000-300CM Datasheet
1Mb / 4P
MAGNEHELIC® DIFFERENTIAL PRESSURE GAGES Indicate Positive, Negative or Differential, Accurate within 1%
2000-300MM DWYER-2000-300MM Datasheet
1Mb / 4P
MAGNEHELIC® DIFFERENTIAL PRESSURE GAGES Indicate Positive, Negative or Differential, Accurate within 1%
2000-300PA DWYER-2000-300PA Datasheet
1Mb / 4P
MAGNEHELIC® DIFFERENTIAL PRESSURE GAGES Indicate Positive, Negative or Differential, Accurate within 1%
2000-30KPA DWYER-2000-30KPA Datasheet
1Mb / 4P
MAGNEHELIC® DIFFERENTIAL PRESSURE GAGES Indicate Positive, Negative or Differential, Accurate within 1%
2000-30MM DWYER-2000-30MM Datasheet
1Mb / 4P
MAGNEHELIC® DIFFERENTIAL PRESSURE GAGES Indicate Positive, Negative or Differential, Accurate within 1%
More results

Similar Description - 2000-3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1352-1 ETC2-1352-1 Datasheet
485Kb / 1P
MICRO PINS
logo
Wurth Elektronik GmbH &...
693021010811 WURTH-693021010811 Datasheet
1Mb / 4P
WR-CRD - MICRO SIM - PUSH & PUSH TYPE - 8 PINS
693022010811 WURTH-693022010811 Datasheet
748Kb / 3P
MICRO SIM - HINGE TYPE - 8 PINS
693023010811 WURTH-693023010811 Datasheet
714Kb / 3P
MICRO SIM - PUSH & PULL TYPE - 8 PINS
693072010801 WURTH-693072010801 Datasheet
894Kb / 3P
WR-CRD - Micro S D Card Connector - Hinge - 8 pins
logo
Molex Electronics Ltd.
1200705204 MOLEX-1200705204 Datasheet
32Kb / 1P
Micro-Change (M12) Receptacle, 3 Poles, M16x1.5 Mounting Threads, PCB Pins
08/27/2022
logo
Ulti-Mate Connector Inc
SD-834130002 ULTI-MATE-SD-834130002 Datasheet
108Kb / 1P
MICRO-D SOLDERABLE CONNECTOR, PLUG (PINS), 21 POSITION MR21N02
10-13-15
SD-834140000 ULTI-MATE-SD-834140000 Datasheet
45Kb / 1P
MICRO-D PLUG (PINS), SIZE 25, SOLDER CUP CONTACTS MR25N0
3-13-14
SD-836140012 ULTI-MATE-SD-836140012 Datasheet
95Kb / 1P
MICRO-D CIRCUIT CONNECTOR, PLUG (PINS), STYLE 18, 25 POSITION CM18R25P02
10/12/2012
SD-836140818 ULTI-MATE-SD-836140818 Datasheet
88Kb / 1P
MICRO-D CIRCUIT CONNECTOR, PLUG (PINS), STYLE 8, 25 POSITION CM8R25P07T
7-21-15
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com