Electronic Components Datasheet Search
  English  ▼

X  

CS2844LD14 Datasheet(PDF) 5 Page - Cherry Semiconductor Corporation

Part # CS2844LD14
Description  Current Mode PWM Control Circuit with 50% Max Duty Cycle
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS2844LD14 Datasheet(HTML) 5 Page - Cherry Semiconductor Corporation

  CS2844LD14 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS2844LD14 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS2844LD14 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS2844LD14 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS2844LD14 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS2844LD14 Datasheet HTML 6Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
Setting the Oscillator
The times Tc and Td can be determined as follows:
Grounding
High peak currents associated with capacitive loads neces-
sitate careful grounding techniques. Timing and bypass
capacitors should be connected close to Gnd in a single
point ground.
The transistor and 5kΩ potentiometer are used to sample
the oscillator waveform and apply an adjustable ramp to
Sense.
ton
toff
Vupper
Vlower
tC
td
ton = tC
toff = tC+2td
Circuit Description: continued
Substituting in typical values for the parameters in the
above formulas:
VREF = 5.0V, Vupper = 2.7V, Vlower = 1.0V, Id = 8.3mA,
then
tc ≈ 0.5534RTCT
td = RTCT ln
For better accuracy RT should be ≥10kΩ.
)
2.3 - 0.0083 RT
4.0 - 0.0083 RT
(
VCC
IO
VO
Switch
Current
EA Output
Toggle
F/F Output
OSC
RESET
VOSC
Figure 2: Timing Diagram
Figure 3: Duty Cycle parameters.
tc = RTCT ln
td = RTCT ln
)
VREF - IdRT - Vlower
VREF - IdRT - Vupper
(
)
VREF - Vlower
VREF - Vupper
(



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com