Electronic Components Datasheet Search
  English  ▼

X  

CS3524A Datasheet(PDF) 1 Page - Cherry Semiconductor Corporation

Part # CS3524A
Description  Voltage Mode PWM Control Circuit with 200mA Output Drivers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS3524A Datasheet(HTML) 1 Page - Cherry Semiconductor Corporation

  CS3524A Datasheet HTML 1Page - Cherry Semiconductor Corporation CS3524A Datasheet HTML 2Page - Cherry Semiconductor Corporation CS3524A Datasheet HTML 3Page - Cherry Semiconductor Corporation CS3524A Datasheet HTML 4Page - Cherry Semiconductor Corporation CS3524A Datasheet HTML 5Page - Cherry Semiconductor Corporation CS3524A Datasheet HTML 6Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Features
VIN
SYNC
CT
COMP
ISENSE+
VOUT
A
RT
VOUT
B
EB
Gnd
EA-
EA+
ISENSE-
SHUTDOWN
EA
VREF
-
+
+
-
COMP
EA
CL
5V Reference
Regulator
Flip
Flop
PWM
Latch
OSC
UV
Sense
Power to
Internal
Circuitry
T
R
S
CLOCK
S
RAMP
VIN
VIN
200mV
1kΩ
10kΩ
s
Precision Reference
Internally Trimmed to ±1%
s
Current Limit
s
Undervoltage Lockout
s
Start-up Supply Current
< 4mA
s
Output to 200mA
s
60V Output Capability
s
Wide Common-mode
Input Range for Error and
Current Limit Amplifiers
s
PWM Latch Insures Single
Pulse per Period
s
Double Pulse Suppression
s
200ns Shutdown
s
Guaranteed Frequency
s
Thermal Shutdown
Package Options
16 Lead PDIP & SO Wide
Voltage Mode PWM Control Circuit
with 200mA Output Drivers
16
15
14
13
12
11
11
10
9
1
2
3
4
5
6
7
8
EA-
EA
+
SYNC
ISENSE+
ISENSE-
RT
CT
Gnd
VREF
VIN
EB
VOUT
B
VOUT
A
EA
SHUTDOWN
COMP
CS3524A
Description
Block Diagram
The CS3524A PWM control circuit
retains the same versatile architecture
of the industry standard CS3524
(SG3524) while adding substantial
improvements.
The CS3524 is pin-compatible with
“non-A” versions, and in most applica-
tions can be directly interchanged. The
CS3524A, however, eliminates many of
the design restrictions which had pre-
viously required additional external
circuitry.
The CS3524A includes a precision 5V
reference trimmed to ±1% accuracy
(eliminating the need for potentiometer
adjustments), an error amplifier with
an output voltage swing extending to
5V, and a current sense amplifier use-
ful in either the ground or power sup-
ply output lines. The uncommitted
60V, 200mA NPN output pair greatly
enhances the output drive capability.
The CS3524A features an undervoltage
lockout circuit which disables all inter-
nal circuitry (except the reference) until
the input voltage has risen to 8V. This
holds standby current low until turn-
on, and greatly simplifies the design of
low power, off-line supplies. The turn-
on circuit has approximately 600mV of
hysteresis for jitter free activation.
Other improvements include a PWM
latch that insures freedom from multi-
ple pulsing within a period, even in
noisy environments; logic to eliminate
double pulsing on a single output, a
200ns external shutdown capability,
and automatic thermal protection from
excessive chip temperature. The oscil-
lator circuit is usable to 500kHz and is
easier to synchronize with an external
clock pulse.
A
Company
®
Rev. 10/28/96
Cherry Semiconductor Corporation
2000 South County Trail, East Greenwich, RI 02818
Tel: (401)885-3600 Fax: (401)885-5786
Email: info@cherry-semi.com
Web Site: www.cherry-semi.com


Similar Part No. - CS3524A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS3524A ONSEMI-CS3524A Datasheet
237Kb / 8P
Voltage Mode PWM Control Circuit
July, 2006 ??Rev. 4
CS3524AGDW16 ONSEMI-CS3524AGDW16 Datasheet
237Kb / 8P
Voltage Mode PWM Control Circuit
July, 2006 ??Rev. 4
CS3524AGDWR16 ONSEMI-CS3524AGDWR16 Datasheet
237Kb / 8P
Voltage Mode PWM Control Circuit
July, 2006 ??Rev. 4
CS3524AGN16 ONSEMI-CS3524AGN16 Datasheet
237Kb / 8P
Voltage Mode PWM Control Circuit
July, 2006 ??Rev. 4
More results

Similar Description - CS3524A

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCTL494 UTC-UTCTL494 Datasheet
54Kb / 6P
VOLTAGE MODE PWM CONTROL CIRCUIT
logo
Cherry Semiconductor Co...
CS52843 CHERRY-CS52843 Datasheet
147Kb / 6P
Current Mode PWM Control Circuit
Rev. 12/23/97
logo
ON Semiconductor
CS52843 ONSEMI-CS52843 Datasheet
240Kb / 9P
Current Mode PWM Control Circuit
July, 2006 ??Rev. 4
logo
Unisonic Technologies
TL494 UTC-TL494_05 Datasheet
189Kb / 7P
VOLTAGE MODE PWM CONTROL CIRCUIT
TL494 UTC-TL494_09 Datasheet
199Kb / 7P
VOLTAGE MODE PWM CONTROL CIRCUIT
TL494 UTC-TL494_12 Datasheet
194Kb / 7P
VOLTAGE MODE PWM CONTROL CIRCUIT
TL494 UTC-TL494_13 Datasheet
291Kb / 8P
VOLTAGE MODE PWM CONTROL CIRCUIT
logo
E-Tech Electronics LTD
TL494 ETL-TL494 Datasheet
291Kb / 8P
VOLTAGE MODE PWM CONTROL CIRCUIT
logo
Unisonic Technologies
TL494 UTC-TL494_15 Datasheet
317Kb / 8P
VOLTAGE MODE PWM CONTROL CIRCUIT
logo
ON Semiconductor
CS3524A ONSEMI-CS3524A Datasheet
237Kb / 8P
Voltage Mode PWM Control Circuit
July, 2006 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com