Electronic Components Datasheet Search
  English  ▼

X  

1376348-1 Datasheet(PDF) 2 Page - Tyco Electronics

Part # 1376348-1
Description  5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1376348-1 Datasheet(HTML) 2 Page - Tyco Electronics

  1376348-1 Datasheet HTML 1Page - Tyco Electronics 1376348-1 Datasheet HTML 2Page - Tyco Electronics 1376348-1 Datasheet HTML 3Page - Tyco Electronics 1376348-1 Datasheet HTML 4Page - Tyco Electronics 1376348-1 Datasheet HTML 5Page - Tyco Electronics 1376348-1 Datasheet HTML 6Page - Tyco Electronics 1376348-1 Datasheet HTML 7Page - Tyco Electronics 1376348-1 Datasheet HTML 8Page - Tyco Electronics 1376348-1 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 98 page
background image
136
Catalog 82181
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 4-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board) (Continued)
AMP
Soft Shell
Pin and Socket Connectors
Quick Reference Chart for Mating Part Numbers
Applicable
No. of Pos.
Double Lock Plate
Mating Header Assy.
Type of Keying/Color
Part Number
Part Number
Part Number
Type A/Natural
1376388-1
1376394-1
1376382-1
2
Type B/Red
1-1376388-2
1376394-1
1-1376382-2
Type C/Blue
2-1376388-3
1376294-1
2-1376382-3
Type D/Yellow
3-1376388-4
1376394-1
3-1376382-4
Type A/Natural
1376389-1
1376395-1
1376383-1
1376421-1
3
Type B/Red
1-1376389-2
1376395-1
1-1376383-2
1-1376421-2
Type C/Blue
2-1376389-3
1376395-1
2-1376383-3
2-1376421-3
Type D/Yellow
3-1376389-4
1376395-1
3-1376383-4
3-1376421-4
Type A/Natural
1376390-1
1376396-1
1376384-1
4
Type B/Red
1-1376390-2
1376396-1
1-1376384-2
Type C/Blue
2-1376390-3
1376396-1
2-1376384-3
Type D/Yellow
3-1376390-4
1376396-1
3-1376384-4
Type A/Natural
1376391-1
1376397-1
1376385-1
6
Type B/Red
1-1376391-2
1376397-1
1-1376385-2
Type C/Blue
2-1376391-3
1376397-1
2-1376385-3
Type D/Yellow
3-1376391-4
1376397-1
3-1376385-4
2 Row
Type A/Natural
1376392-1
1376394-1
1376386-1
4
Type B/Red
1-1376392-2
1376394-1
1-1376386-2
Type C/Blue
2-1376392-3
1376394-1
2-1376386-3
Type D/Yellow
3-1376392-4
1376394-1
3-1376386-4
Type A/Natural
1376393-1
1376395-1
1376387-1
6
Type B/Red
1-1376393-2
1376395-1
1-1376387-2
Type C/Blue
2-1376393-3
1376395-1
2-1376387-3
Type D/Yellow
3-1376393-4
1376395-1
3-1376387-4
*Included in Header Assy. line are Tube Stick version. Refer to the appropriate description in the catalog.
Note: All part numbers are RoHS Compliant.
Plug Housing
Note: Dimensions shown are metric.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com