Electronic Components Datasheet Search
  English  ▼

X  

CS3717A Datasheet(PDF) 2 Page - Cherry Semiconductor Corporation

Part # CS3717A
Description  1A H-Bridge Stepper Motor Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS3717A Datasheet(HTML) 2 Page - Cherry Semiconductor Corporation

  CS3717A Datasheet HTML 1Page - Cherry Semiconductor Corporation CS3717A Datasheet HTML 2Page - Cherry Semiconductor Corporation CS3717A Datasheet HTML 3Page - Cherry Semiconductor Corporation CS3717A Datasheet HTML 4Page - Cherry Semiconductor Corporation CS3717A Datasheet HTML 5Page - Cherry Semiconductor Corporation CS3717A Datasheet HTML 6Page - Cherry Semiconductor Corporation CS3717A Datasheet HTML 7Page - Cherry Semiconductor Corporation CS3717A Datasheet HTML 8Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Electrical Characteristics: Refer to the test circuit VDD = 36V, VCC = 5V, TA = 25¡C; unless otherwise specified.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply Voltage
10
46
V
Logic Supply Voltage
4.75
5.25
V
Logic Supply Current
7
15
mA
Reference Input Current
VREF = 5V
0.75
1.00
mA
s Logic Inputs
Input Low Voltage
0.8
V
Input High Voltage
2
V
Low Voltage Input Current
VIN = 0.4V
(DIRECTION)
-100
µA
(IN0, IN1)
-400
µA
High Voltage Input Current
VIN = 2.4V
10
µA
s Comparators
Comparator Low
VREF = 5V
IN0 = Low
66
80
94
mV
Threshold Voltage
IN1 = High
Comparator Medium
VREF = 5V
IN0 = High
236
251
266
mV
Threshold Voltage
IN1 = Low
Comparator High
VREF = 5V
IN0 = Low
396
416
436
mV
Threshold Voltage
IN1 = Low
Comparator Input Current
±20
µA
Cutoff Time
RT = 56k½
CT = 820pF
27
37
µs
Turn Off Delay
2µs
Output Leakage Current
IN0 =IN1 = High
100
µA
s Source Diode-Transistor Pair
Saturation Voltage
IMOTOR = -0.5A conduction period
1.7
2.1
V
recirculation period
1.10
1.35
V
Saturation Voltage
IMOTOR = -1A
conduction period
2.1
2.8
V
recirculation period
1.7
2.5
V
Leakage Current
VS = 46V
300
µA
Diode Forward Voltage
IMOTOR = -0.5A
1.00
1.25
V
IMOTOR = -1A
1.3
1.7
V
s Sink Diode-Transistor Pair
Saturation Voltage
IMOTOR = 0.5A
1.20
1.45
V
IMOTOR = 1A
1.75
2.30
V
Leakage Current
VS = 46V
300
µA
Diode Forward Voltage
IMOTOR = 0.5A
1.1
1.5
V
IMOTOR = 1A
1.4
2.0
V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com