Electronic Components Datasheet Search
  English  ▼

X  

CS386H Datasheet(PDF) 6 Page - Cherry Semiconductor Corporation

Part # CS386H
Description  Alternator Voltage Regulator Darlington Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS386H Datasheet(HTML) 6 Page - Cherry Semiconductor Corporation

  CS386H Datasheet HTML 1Page - Cherry Semiconductor Corporation CS386H Datasheet HTML 2Page - Cherry Semiconductor Corporation CS386H Datasheet HTML 3Page - Cherry Semiconductor Corporation CS386H Datasheet HTML 4Page - Cherry Semiconductor Corporation CS386H Datasheet HTML 5Page - Cherry Semiconductor Corporation CS386H Datasheet HTML 6Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
Rev. 4/15/99
Ordering Information
Part Number
Description
CS3341YD14
14L SO
CS3341YDR14
14L SO (tape & reel)
CS3351YD14
14L SO
CS3351YDR14
14L SO (tape & reel)
CS386H
Flip Chip
CS387H
Flip Chip
Package Specification: continued
Solder Bump Locations, Bump Side Up
IGN
DD
SC
CS386/387
Flip Chip
1.96mm
506µm
510µm
488µm
Lamp
OSC
NC
Gnd
742µm
762µm
VCC
Sense
Stator
Flip Chip
© 1999 Cherry Semiconductor Corporation
Cherry Semiconductor Corporation reserves the
right to make changes to the specifications without
notice. Please contact Cherry Semiconductor
Corporation for the latest available information.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com