Electronic Components Datasheet Search
  English  ▼

X  

CS3842B Datasheet(PDF) 6 Page - Cherry Semiconductor Corporation

Part # CS3842B
Description  Off-Line Current Mode PWM Control Circuit Off-Line Current Mode PWM Control Circuit
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS3842B Datasheet(HTML) 6 Page - Cherry Semiconductor Corporation

  CS3842B Datasheet HTML 1Page - Cherry Semiconductor Corporation CS3842B Datasheet HTML 2Page - Cherry Semiconductor Corporation CS3842B Datasheet HTML 3Page - Cherry Semiconductor Corporation CS3842B Datasheet HTML 4Page - Cherry Semiconductor Corporation CS3842B Datasheet HTML 5Page - Cherry Semiconductor Corporation CS3842B Datasheet HTML 6Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
D
Lead Count
Metric
English
Max
Min
Max
Min
8 L PDIP
10.16
9.02
.400
.355
8 L SOIC Narrow
5.00
4.80
.197
.189
14L SOIC Narrow
8.75
8.55
.344
.337
Part Number
Description
CS3842BGN8
8L PDIP
CS3842BGD8
8L SO Narrow
CS3842BGDR8
8L SO Narrow (tape & reel)
CS3842BGD14
14L SO Narrow
CS3842BGDR14
14L SO Narrow (tape & reel)
CS3843BGN8
8L PDIP
CS3843BGD8
8L SO Narrow
CS3843BGDR8
8L SO Narrow (tape & reel)
CS3843BGD14
14L SO Narrow
CS3843BGDR14
14L SO Narrow (tape & reel)
Thermal Data
8 L
8L
14 L
PDIP SO Narrow SO Narrow
RΘJC
typ
52
45
30
˚C/W
RΘJA
typ
100
165
125
˚C/W
Package Specification
PACKAGE DIMENSIONS IN mm (INCHES)
Ordering Information
PACKAGE THERMAL DATA
Rev. 6/23/99
© 1999 Cherry Semiconductor Corporation
Surface Mount Narrow Body (D); 150 mil wide
1.27 (.050) BSC
0.51 (.020)
0.33 (.013)
6.20 (.244)
5.80 (.228)
4.00 (.157)
3.80 (.150)
1.57 (.062)
1.37 (.054)
D
0.25 (0.10)
0.10 (.004)
1.75 (.069) MAX
1.27 (.050)
0.40 (.016)
REF: JEDEC MS-012
0.25 (.010)
0.19 (.008)
Plastic DIP (N); 300 mil wide
0.39 (.015)
MIN.
2.54 (.100) BSC
1.77 (.070)
1.14 (.045)
D
Some 8 and 16 lead
packages may have
1/2 lead at the end
of the package.
All specs are the same.
.203 (.008)
.356 (.014)
REF: JEDEC MS-001
3.68 (.145)
2.92 (.115)
8.26 (.325)
7.62 (.300)
7.11 (.280)
6.10 (.240)
.356 (.014)
.558 (.022)
Cherry Semiconductor Corporation reserves the right to
make changes to the specifications without notice. Please
contact Cherry Semiconductor Corporation for the latest
available information.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com