Electronic Components Datasheet Search
  English  ▼

X  

U74HC4046AL-P16-R Datasheet(PDF) 9 Page - Unisonic Technologies

Part # U74HC4046AL-P16-R
Description  PHASE LOCKED LOOP WITH VCO
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74HC4046AL-P16-R Datasheet(HTML) 9 Page - Unisonic Technologies

Back Button U74HC4046AL-P16-R Datasheet HTML 5Page - Unisonic Technologies U74HC4046AL-P16-R Datasheet HTML 6Page - Unisonic Technologies U74HC4046AL-P16-R Datasheet HTML 7Page - Unisonic Technologies U74HC4046AL-P16-R Datasheet HTML 8Page - Unisonic Technologies U74HC4046AL-P16-R Datasheet HTML 9Page - Unisonic Technologies U74HC4046AL-P16-R Datasheet HTML 10Page - Unisonic Technologies U74HC4046AL-P16-R Datasheet HTML 11Page - Unisonic Technologies U74HC4046AL-P16-R Datasheet HTML 12Page - Unisonic Technologies U74HC4046AL-P16-R Datasheet HTML 13Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
U74HC4046A
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
9 of 19
www.unisonic.com.tw
QW-R502-461.C
AC CHARACTERISTICS (TA =25°C , unless otherwise specified)
Phase Comparator Section
(GND = 0 V; tR = tF =6ns; CL = 50pF)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Propagation Delay SIGIN,
COMPIN to PCPOUT
tPHL/ tPLH
VCC=2.0V
Fig.8
96
340
ns
VCC=4.5V
35
68
VCC=6.0V
28
58
Propagation Delay SIGIN,
COMPIN to PC3OUT
tPHL/ tPLH
VCC=2.0V
Fig.8
77
270
ns
VCC=4.5V
28
54
VCC=6.0V
22
46
3-State Output Enable Time
SIGIN, COMPIN to PC2OUT
tPZH/ tPZL
VCC=2.0V
Fig.9
83
280
ns
VCC=4.5V
30
56
VCC=6.0V
24
48
3-State Output Disable Time
SIGIN, COMPIN to PC2OUT
tPHZ/ tPLZ
VCC=2.0V
Fig.9
99
325
ns
VCC=4.5V
36
65
VCC=6.0V
29
55
Output Transition Time
tPHZ/ tPLZ
VCC=2.0V
Fig.8
19
75
ns
VCC=4.5V
7
15
VCC=6.0V
6
13
AC Coupled Input Sensitivity
(Peak-To-Peak Value)
at SIGIN or COMPIN
VIN(P-P)
VCC=2.0V
fi = 1MHz
9
mV
VCC=3.0V
11
VCC=4.5V
15
VCC=6.0V
33
VCO Section
(GND = 0 V; tR = tF = 6 ns; CL = 50 pF)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Frequency Stability with
Temperature Change
Δ
f/T
VCC=3.0V
VIN = VVCOIN = 1/2 VCC;
R1 = 100 kΩ; R2 = ∞;
C1= 100 pF
%/K
VCC=4.5V
VCC=6.0V
VCO Centre Frequency
(duty Factor = 50%)
fo
VCC=3.0V
VVCOIN = 1/2 VCC;
R1 = 3 kΩ;R2 = ∞;
C1 = 40 pF
7.0
10.0
MHz
VCC=4.5V
11.0
17.0
VCC=6.0V
13.0
21.0
VCO Frequency Linearity
Δ
fVCO
VCC=3.0V
R1 = 100 kΩ; R2 = ∞;
C1 = 100 pF;(Fig.10)
1.0
%
VCC=4.5V
0.4
VCC=6.0V
0.3
Duty Factor at VCOOUT
δVCO
VCC=3.0V
50
%
VCC=4.5V
50
VCC=6.0V
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com