Electronic Components Datasheet Search
  English  ▼

X  

BCW67B Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # BCW67B
Description  PNP Silicon AF Transistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BCW67B Datasheet(HTML) 4 Page - Infineon Technologies AG

  BCW67B Datasheet HTML 1Page - Infineon Technologies AG BCW67B Datasheet HTML 2Page - Infineon Technologies AG BCW67B Datasheet HTML 3Page - Infineon Technologies AG BCW67B Datasheet HTML 4Page - Infineon Technologies AG BCW67B Datasheet HTML 5Page - Infineon Technologies AG BCW67B Datasheet HTML 6Page - Infineon Technologies AG BCW67B Datasheet HTML 7Page - Infineon Technologies AG BCW67B Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2011-09-15
4
BCW67, BCW68
DC Electrical Characteristics
Parameter
Symbol
Values
Unit
min.
typ.
max.
Characteristics
Collector-emitter saturation voltage1)
IC = 100 mA, IB = 10 mA
IC = 500 mA, IB = 50 mA
VCEsat
-
-
-
-
0.3
0.7
V
Base emitter saturation voltage1)
IC = 100 mA, IB = 10 mA
IC = 500 mA, IB = 50 mA
VBEsat
-
-
-
-
1.25
2
AC Characteristics
Transition frequency
IC = 50 mA, VCE = 5 V, f = 20 MHz
fT
-
200
-
MHz
Collector-base capacitance
VCB = 10 V, f = 1 MHz
Ccb
-
6
-
pF
Emitter-base capacitance
VEB = 0.5 V, f = 1 MHz
Ceb
-
60
-
1Pulse test: t < 300µs; D < 2%



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com