Electronic Components Datasheet Search
  English  ▼

X  

U74HCT7046L-S16-R Datasheet(PDF) 16 Page - Unisonic Technologies

Part # U74HCT7046L-S16-R
Description  PHASE LOCKED LOOP WITH VCO & LOCK DETECTOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74HCT7046L-S16-R Datasheet(HTML) 16 Page - Unisonic Technologies

Back Button U74HCT7046L-S16-R Datasheet HTML 8Page - Unisonic Technologies U74HCT7046L-S16-R Datasheet HTML 9Page - Unisonic Technologies U74HCT7046L-S16-R Datasheet HTML 10Page - Unisonic Technologies U74HCT7046L-S16-R Datasheet HTML 11Page - Unisonic Technologies U74HCT7046L-S16-R Datasheet HTML 12Page - Unisonic Technologies U74HCT7046L-S16-R Datasheet HTML 13Page - Unisonic Technologies U74HCT7046L-S16-R Datasheet HTML 14Page - Unisonic Technologies U74HCT7046L-S16-R Datasheet HTML 15Page - Unisonic Technologies U74HCT7046L-S16-R Datasheet HTML 16Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
U74HCT7046
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
16 of 16
www.unisonic.com.tw
QW-R502-851.A
APPLICATION INFORMATION(Cont.)
PLL Frequency Capture Range
(Phase comparator: PC1, PC2)
Loop filter component selection
ω
τ
)
(
F ω
j
τ
A small capture range (2fC) is obtained if
τ
π
π
/
f
2
1
f
2
L
C ≈
Fig.13 Simple loop filter for PLL without offset; R3 ≥ 500 Ω.
R3
C2
INPUT
OUTPUT
ω
(a)
R4
1/ 3
τ
1/ 2
τ
m
)
(
F ω
j
(b) Amplitude Characteristic
(c) Pole-Zero Diagram
τ1 = R3 × C2
τ2 = R4 × C2
τ 3 = (R3 + 4)× C2
τ
-1/ 2
τ
-1/ 3
R4
R3
R4
m
+
=
Fig.14 Simple loop filter for PLL with offset; R3 + R4 ≥ 500 Ω.
Subject
Phase comparator Design considerations
PLL Locks on Harmonics at Centre Frequency
PC1
Yes
PC2
No
Noise Rejection at Signal Input
PC1
High
PC2
Low
AC Ripple Content when PLL is Locked
PC1
fr = 2fi, large ripple content at φDEMOUT = 90°
PC2
fr = fi, small ripple content at φDEMOUT = 0°
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com