Electronic Components Datasheet Search
  English  ▼

X  

CS4161 Datasheet(PDF) 2 Page - Cherry Semiconductor Corporation

Part # CS4161
Description  85mA Dual H-Bridge Odometer Driver with Divide by Select and UVLO
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS4161 Datasheet(HTML) 2 Page - Cherry Semiconductor Corporation

  CS4161 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS4161 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS4161 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS4161 Datasheet HTML 4Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Electrical Characteristics: Unless otherwise stated, these specifications apply for -40¡C ² TA ² 105¡C, 6.5V ² VCC ² 15.5V.
All voltage shall be referenced to Gnd unless otherwise noted. Overvoltage shutdown of coils occurs when VCC > 16V.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Package Lead Description
PACKAGE LEAD #
LEAD SYMBOL
FUNCTION
8L PDIP
1
Gnd
Ground connection.
2
COILA+
Output stage, when active, this lead supplies current to COIL A.
3
COILA-
Output stage, when active, this lead supplies current to COIL A.
4
SENSOR
Input signal from wheel speed or engine rpm.
5
SELECT
Selects divide by 1 or divide by 2 mode.
6
COILB-
Output stage, when active, this lead supplies current to COIL B.
7
COILB+
Output stage, when active, this lead supplies current to COIL B.
8VCC
Supply Voltage.
s Supply, VCC
Supply Voltage Range
-40¡C ² TA ² 105¡C
6.5
15.5
VDC
-40¡C ² TA ² 25¡C
6.5
24.0
VDC
Transient Pulse, 100ms
35.0
VDC
Supply Current
VCC = 15.5 VDC, Outputs not loaded
24
35
mA
Overvoltage Shutdown
16
23
V
Undervoltage Lockout Voltage
VCC Initial Power up
5.1
5.6
6.1
V
UVLO Hysteresis
200
600
1000
mV
s Speed Sensor Input, SENSOR
Input Frequency Range
0.2
1.0
kHz
Switching Threshold
1.2
2.6
VDC
Hysteresis
300
500
mVDC
Input Bias Current
0.8VDC ²VIN ²VCC
0.1
±1.0
µA
Input Voltage Range
0
VCC
VDC
Operating Input Voltage
10k½ Resistor in Series
-15 to VCC
VDC
Input Clamp Current
I Clamp at VIN = 0VDC
-0.4
-5.0
mA
s Divider Select Input, SELECT
Logic 0 Input Voltage
100
mVDC
Logic 1 Input Voltage
3.0
VDC
Logic 0 Input Current
0V ² VIN ² 100mV
-1
-100
µA
Logic 1 Input Current
3V ² VIN ² 15.5 VDC
0.75
2.00
mA
s Coil Output Drivers
Coil Load
+25¡C
198
210
222
½
Coil Inductance
80
mH
Coil Resistance Temperature
Coefficient
0.35
%/¡C
* Energized Coil Voltage
VCC = 6.5 VDC
VCC - 1.5V VCC - 0.9V
VDC
(Both Polarities) A and B
VCC = 10.0 VDC
VCC - 1.6V VCC - 1.0V
VDC
VCC = 15.5 VDC, -20¡C ² TA ² 105¡C VCC - 1.75V VCC - 1.1V
VDC
VCC = 15.5 VDC, -40¡C ² TA ² -20¡C
VCC - 2.0V VCC - 1.2V
VDC
De-energized Coil Leakage Current
±100
µA
s Short Circuit Protection
Short Circuit Threshold
275
400
mA
I Coil A + I Coil B
Short Circuit Turn-Off Delay
5
µs
* Voltage across the coils shall be measured at the specific voltages, but shall also be within linearly interpolated limits.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com