Electronic Components Datasheet Search
  English  ▼

X  

MZ232 Datasheet(PDF) 1 Page - Digitron Semiconductors

Part # MZ232
Description  3 WATT ZENER DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

MZ232 Datasheet(HTML) 1 Page - Digitron Semiconductors

  MZ232 Datasheet HTML 1Page - Digitron Semiconductors MZ232 Datasheet HTML 2Page - Digitron Semiconductors MZ232 Datasheet HTML 3Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
1N4096-1N5117
3 WATT ZENER DIODES
MZ806-MZ890
MZ210-MZ240
MAXIMUM RATINGS
Operating Temperature
-65 to 175°C
Storage Temperature
-65 to 200°C
ELECTRICAL CHARACTERISTICS
Electrical Specifications @ 25°C
Maximum Ratings
Nominal
Zener
Voltage
Test
Current
Maximum Reverse Leakage
Current
Maximum
Zener
Impedance
Typ. Temp.
Coefficient
Maximum
Continuous
Current
Maximum
Surge
Current
Type
(note 1)
VZ @ IZT
IZT
IR @ VR
± 5%
VR
±10%
VR
ZZ @ IZT
TC @ IZT
IZM
IS
±5%
Tolerance
±10%
Tolerance
Volts
mA
µA
Volts
Volts
Ohms
%/°C
mA
Amps
1N5063
MZ806
6.8
75
500
5.2
4.9
2
.04
440
10.0
1N5064
MZ807
7.5
75
300
5.7
5.4
2
.04
400
8.00
1N5065
MZ808
8.2
75
200
6.2
5.9
3
.05
360
7.00
1N5066
MZ809
9.1
75
100
6.9
6.6
3
.05
330
6.00
1N5067
MZ810
10.0
75
40
7.6
7.2
4
.06
300
5.00
1N4883
MZ812
12
65
10
9.1
8.6
5
.07
250
4.00
1N5069
MZ813
13
50
10
9.9
9.3
6
.07
230
4.00
1N5070
MZ814
14
50
10
10.6
10.1
6
.07
210
4.00
1N5071
MZ815
15
50
10
11.4
10.8
6
.07
200
3.00
1N5072
MZ816
16
50
5
12.2
11.5
7
.07
185
3.00
1N5073
MZ818
18
40
5
13.7
12.9
8
.08
170
2.00
1N4884
MZ820
20
40
5
15.2
14.4
9
.08
150
2.00
1N5074
MZ822
22
30
5
16.7
15.8
10
.08
135
2.00
1N5075
MZ824
24
30
5
18.2
17.3
10
.08
125
1.50
1N5076
MZ827
27
25
1
20.6
19.4
12
.09
110
1.50
1N5077
MZ830
30
25
1
22.8
21.6
15
.090
100
1.50
1N5078
MZ833
33
20
1
25.1
23.7
21
.090
90
1.20
1N5079
MZ836
36
20
1
27.4
25.9
21
.090
85
1.00
1N5081
MZ840
40
20
1
30.4
28.8
27
.095
75
1.00
1N5083
MZ845
45
15
1
34.2
32.4
37
.095
65
0.80
1N5085
MZ850
50
15
1
38.0
36.0
50
.095
60
0.80
1N5087
MZ856
56
10
1
42.6
40.3
70
.095
55
0.70
1N5088
MZ860
60
10
1
45.7
43.2
70
.095
50
0.60
1N5091
MZ870
70
10
1
53.3
50.5
90
.095
45
0.60
1N5092
MZ875
75
10
1
56.0
54.0
100
.095
40
0.50
1N5093
MZ880
80
10
1
60.8
57.7
115
.095
35
0.40
1N4096
MZ890
90
8.0
1
68.5
64.8
150
.095
30
0.40
1N4097
MZ210
100
5.0
1
76.0
72.0
175
.100
30
0.40
1N5096
MZ211
110
5.0
1
83.6
79.2
250
.100
25
0.30
1N5097
MZ212
120
5.0
1
91.2
86.4
325
.100
25
0.20
1N5098
MZ213
130
5.0
1
98.8
93.6
375
.100
20
0.20
sales@digitroncorp.com
fax +1.908.245-0555
www.digitroncorp.com
Rev. 20121004


Similar Part No. - MZ232

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MZ232 MICROSEMI-MZ232 Datasheet
71Kb / 2P
3 WATT GLASS ZENER DIODES
More results

Similar Description - MZ232

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
1N6485US CDI-DIODE-1N6485US Datasheet
107Kb / 2P
1.5 WATT ZENER DIODES
1N6632 CDI-DIODE-1N6632 Datasheet
27Kb / 2P
5 WATT ZENER DIODES
CDLL4728 CDI-DIODE-CDLL4728 Datasheet
112Kb / 2P
1 WATT ZENER DIODES
logo
Microsemi Corporation
3EZ39D5 MICROSEMI-3EZ39D5 Datasheet
69Kb / 2P
SILICON 3 WATT ZENER DIODES
1N5063 MICROSEMI-1N5063 Datasheet
71Kb / 2P
3 WATT GLASS ZENER DIODES
logo
NTE Electronics
NTE5270A NTE-NTE5270A Datasheet
31Kb / 3P
50 Watt Zener Diodes
logo
Microsemi Corporation
1N6485 MICROSEMI-1N6485 Datasheet
130Kb / 2P
1.5 WATT ZENER DIODES
logo
First Components Intern...
1N5333 FCI-1N5333 Datasheet
100Kb / 3P
5 Watt ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
ZM3C SEMTECH_ELEC-ZM3C Datasheet
230Kb / 3P
3 WATT ZENER DIODES
logo
New Jersey Semi-Conduct...
1N5063 NJSEMI-1N5063 Datasheet
142Kb / 1P
3-WATT ZENER DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com