Electronic Components Datasheet Search
  English  ▼

X  

CS3845GDWR16 Datasheet(PDF) 6 Page - Cherry Semiconductor Corporation

Part # CS3845GDWR16
Description  Current Mode PWM Control Circuit with 50% Max Duty Cycle
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS3845GDWR16 Datasheet(HTML) 6 Page - Cherry Semiconductor Corporation

  CS3845GDWR16 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS3845GDWR16 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS3845GDWR16 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS3845GDWR16 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS3845GDWR16 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS3845GDWR16 Datasheet HTML 6Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Part Number 0˚C to
-25˚C
Description
70˚C
to 85˚C
CS2844LN8
•
8L PDIP
CS2844LD14
•
14L SO
CS2844LDR14
•
14L SO (Tape & Reel)
CS2844LDW16
•
16L SO Wide
CS2844LDWR16
•
16L SO Wide (Tape & Reel)
CS2845LN8
•
8L PDIP
CS2845LDW16
•
16L SO Wide
CS2845LDWR16
•
16L SO Wide (Tape & Reel)
CS3844GN8
•
8L PDIP
CS3844GD8
•
8L SO
CS3844GDR8
•
8L SO (Tape & Reel)
CS3844GD14
•
14L SO
CS3844GDR14
•
14L SO (Tape & Reel)
CS3844GDW16
•
16L SO Wide
CS3844GDWR16
•
16L SO Wide (Tape & Reel)
CS3845GN8
•
8L PDIP
CS3845GD8
•
8L SO
CS3845GDR8
•
8L SO (Tape & Reel)
CS3845GD14
•
14L SO
CS3845GDR14
•
14L SO (Tape & Reel)
CS3845GDW16
•
16L SO Wide
CS3845GDWR16
•
16L SO Wide (Tape & Reel)
6
Ordering Information
D
Lead Count
Metric
English
Max
Min
Max
Min
8 Lead PDIP
10.16
9.02
.400
.355
8 Lead SO Narrow
5.00
4.80
.197
.189
14L SO Narrow
8.75
8.55
.344
.337
16L SO Wide
10.50
10.10
.413
.398
Thermal
8 L
8L SO
14 L SO 16L SO
Data
PDIP Narrow
Narrow
Wide
RΘJC
typ
52
45
30
23
˚C/W
RΘJA
typ
100
165
125
105
˚C/W
Package Specification
PACKAGE DIMENSIONS IN mm (INCHES)
PACKAGE THERMAL DATA
© 1999 Cherry Semiconductor Corporation
Cherry Semiconductor Corporation reserves the
right to make changes to the specifications without
notice. Please contact Cherry Semiconductor
Corporation for the latest available information.
Rev. 3/17/99
Plastic DIP (N); 300 mil wide
0.39 (.015)
MIN.
2.54 (.100) BSC
1.77 (.070)
1.14 (.045)
D
Some 8 and 16 lead
packages may have
1/2 lead at the end
of the package.
All specs are the same.
.203 (.008)
.356 (.014)
REF: JEDEC MS-001
3.68 (.145)
2.92 (.115)
8.26 (.325)
7.62 (.300)
7.11 (.280)
6.10 (.240)
.356 (.014)
.558 (.022)
Surface Mount Narrow Body (D); 150 mil wide
1.27 (.050) BSC
0.51 (.020)
0.33 (.013)
6.20 (.244)
5.80 (.228)
4.00 (.157)
3.80 (.150)
1.57 (.062)
1.37 (.054)
D
0.25 (0.10)
0.10 (.004)
1.75 (.069) MAX
1.27 (.050)
0.40 (.016)
REF: JEDEC MS-012
0.25 (.010)
0.19 (.008)
Surface Mount Wide Body (DW); 300 mil wide
1.27 (.050) BSC
7.60 (.299)
7.40 (.291)
10.65 (.419)
10.00 (.394)
D
0.32 (.013)
0.23 (.009)
1.27 (.050)
0.40 (.016)
REF: JEDEC MS-013
2.49 (.098)
2.24 (.088)
0.51 (.020)
0.33 (.013)
2.65 (.104)
2.35 (.093)
0.30 (.012)
0.10 (.004)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com