Electronic Components Datasheet Search
  English  ▼

X  

HM72B-06220LF Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # HM72B-06220LF
Description  High Power High Performance Molded Surface Mount Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HM72B-06220LF Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  HM72B-06220LF Datasheet HTML 1Page - List of Unclassifed Manufacturers HM72B-06220LF Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Page 2 OF 2
www.bitechnologies.com
MAGNETIC COMPONENTS
We reserve the right to change specifications without prior notice.
Electrical Characteristic @ 20°C (Cont’d)
Packaging / Ordering Information
One reel (13”)
2000 pcs
One shipping carton (6 reels)
12000 pcs
HM72B
-
06
R33
LF
TR13
Inductance Code:
First 2 digits are significant. Last digit
denotes number of trailing zeros. For values
below 10 H, “R” denotes the decimal point.
Model Series
Lead Free
Case Size
13” tape & reel
packing



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com