Electronic Components Datasheet Search
  English  ▼

X  

CS51022 Datasheet(PDF) 4 Page - Cherry Semiconductor Corporation

Part # CS51022
Description  Enhanced Current Mode PWM Controller
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS51022 Datasheet(HTML) 4 Page - Cherry Semiconductor Corporation

  CS51022 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS51022 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS51022 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS51022 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS51022 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS51022 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS51022 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS51022 Datasheet HTML 8Page - Cherry Semiconductor Corporation CS51022 Datasheet HTML 9Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
4
Electrical Characteristics: Unless otherwise stated, specifications apply for -40°C < TA < 85°C, -40°C < TJ < 150°C,
3V < VC < 20V, 8.2V < VCC < 20V, RT = 12kΩ, CT = 390pF.
Package Pin Description
PACKAGE PIN #
PIN SYMBOL
FUNCTION
s
SLOPE Compensation
Charge Current
SLOPE = 2V
-63
-53
-43
µA
COMP Gain
Fraction of slope voltage added
0.095
0.100
0.105
V/V
to ISENSE (Note 1)
Discharge Voltage
SYNC = 0V
0.1
0.2
V
s
Current Sense
OFFSET Voltage
(Note 1)
0.09
0.10
0.11
V
Blanking Time
55
160
ns
Blanking Disable Voltage
Adjust VFB
1.8
2
2.2
V
Second Current Threshold Gain
1.21
1.33
1.45
V/V
ISENSE Input Resistance
5
kΩ
Minimum On Time
GATE High to Low
30
70
110
ns
Gain
(Note 1)
0.78
0.80
0.82
V/V
s
OV & UV Voltage Monitors
OV Monitor Threshold
2.4
2.5
2.6
V
OV Hysteresis Current
-10
-12.5
-15
µA
UV Monitor Threshold
1.38
1.45
1.52
V
UV Monitor Hysteresis
25
75
100
mV
s
SOFT START (SS)
Charge Current
SS = 2V
-70
-55
-40
µA
Discharge Current
SS = 2V
250
1000
µA
Charge Voltage, VSS
4.4
4.7
5
V
Discharge Voltage, VSS
0.25
0.27
0.30
V
Note 1: Guaranteed by Design, not 100% tested in production.
16L PDIP & SO Narrow
1
GATE
External power switch driver with 1.0A peak capability.
2ISENSE
Current sense amplifier input.
3
SYNC
Bi-directional synchronization. Locks to the highest frequency.
(CS51021/23)
3
SLEEP
Active high chip disable. In sleep mode, VREF and GATE are
(CS51022/24)
turned off.
4
SLOPE
Additional slope to the current sense signal. Internal current
source charges the external capacitor.
5
UV
Undervoltage protection monitor.
6
OV
Overvoltage protection monitor.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com