Electronic Components Datasheet Search
  English  ▼

X  

CS5106 Datasheet(PDF) 11 Page - Cherry Semiconductor Corporation

Part # CS5106
Description  Multi-Feature, Synchronous plus Auxiliary PWM Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS5106 Datasheet(HTML) 11 Page - Cherry Semiconductor Corporation

Back Button CS5106 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS5106 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS5106 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS5106 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS5106 Datasheet HTML 8Page - Cherry Semiconductor Corporation CS5106 Datasheet HTML 9Page - Cherry Semiconductor Corporation CS5106 Datasheet HTML 10Page - Cherry Semiconductor Corporation CS5106 Datasheet HTML 11Page - Cherry Semiconductor Corporation CS5106 Datasheet HTML 12Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
The equivalent down slope at the current sense resistor for
this application circuit is:
Slope @ R12 = Inductor_Slope
´´´ R12
After choosing R9 and C9 to generate a ramp with a time
constant of about 5 times the oscillator period, R10 and R11
can be chosen for the voltage at RAMP2 to be 1.75 of the
voltage across R12.
Synchronous Rectification
Synchronous rectification was chosen to reduce losses in
the forward converter. Improvements in efficiency will be
most significant in low voltage, medium and high current
converters where improvement in conduction loss offsets
any added losses for gate drive.
In the application circuit Q4 is turned on and off by the for-
ward transformer. Q5 is turned on and off through pulse
transformer T4 and the gate driver formed by Q6 and Q7.
Because Q4 and Q5 are driven through different types of
components, differences in propagation delay must be con-
sidered. The DLYSET resistor should be chosen to avoid
shoot-through or excessive off time.
Gate Drive Capability
All GATE drive outputs have nominal peak currents of
0.5A. See Figures 6 and 7 for typical rise and fall times.
Figure 6: Typical GATE2, 2B switching times.
Figure 7: Typical GATE1 switching times.
Design Considerations
The circuit board should utilize high frequency layout
techniques to avoid pulse width jitter and false triggering
of high impedance inputs. Ground plane(s) should be
employed. Signal grounds and power grounds should be
run separately. Portions of the circuit with high slew rates
or current pulses should be segregated from sensitive
areas. Shields and decoupling capacitors should be used as
required.
Special care should be taken to prevent coupling between
the SYNC leads and the surrounding leads. Depending on
the circuit board layout and component values, decoupling
capacitors or reduction in resistor values might be required
to reduce noise pick-up on the FADJ and DLYSET resistors.
Decoupling capacitors or active pull-up/down might be
required to prevent false triggering of the ENABLE and
PROGRAM leads.
Load Capacitance (pF)
60
50
40
30
20
10
0
50
Rise Time
Fall Time
70
1500
500
1000
2000
200
Load Capacitance (pF)
70
60
50
40
30
20
10
0
Rise Time
Fall Time
50
100
500
1000
2000
200
)
V
µs
(
NPT3
NST3
NST2
NPT2
Theory of Application: continued



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com