Electronic Components Datasheet Search
  English  ▼

X  

M34 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # M34
Description  Wet Tantalum Capacitors Surface Mount, Molded Case
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

M34 Datasheet(HTML) 3 Page - Vishay Siliconix

  M34 Datasheet HTML 1Page - Vishay Siliconix M34 Datasheet HTML 2Page - Vishay Siliconix M34 Datasheet HTML 3Page - Vishay Siliconix M34 Datasheet HTML 4Page - Vishay Siliconix M34 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
M34
www.vishay.com
Vishay
Revision: 28-Jul-11
3
Document Number: 40106
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Part number definitions:
(1) Capacitance tolerance: K, M
(2) Termination/packaging: A = 100 % tin (RoHS compliant), bulk; B = Std, tin/lead, bulk
Reliability level: Z = Non-ER
Temperature: S = STD
ESR: S = STD
PERFORMANCE CHARACTERISTICS OF M34 CAPACITORS
STANDARD RATINGS
CAPACITANCE
(μF)
CASE
CODE
PART NUMBER
MAX.
ESR AT
+ 25 °C
120 Hz
(
)
MAX.
IMP. AT
- 55 °C
120 Hz
(
)
MAX. DCL (μA) AT
MAX. CAPACITANCE
CHANGE (%) AT
MAX.
RIPPLE
40 kHz
RMS
(mA)
+ 25 °C
+ 85 °C
+ 125 °C
- 55 °C
+ 85 °C
+ 125 °C
6 VDC AT + 85 °C; 4 VDC AT + 125 °C
470
C
M34C477(1)006(2)ZSS
0.9
12
1.0
3.0
- 75
+ 10
+ 20
1500
10 VDC AT + 85 °C; 7 VDC AT + 125 °C
330
C
M34C337(1)010(2)ZSS
1.0
15
1.0
3.0
- 70
+ 8
+ 20
1400
15 VDC AT + 85 °C; 10 VDC AT + 125 °C
150
C
M34C157(1)015(2)ZSS
1.1
25
1.0
3.0
- 45
+ 8
+ 20
1400
25 VDC AT + 85 °C; 15 VDC AT + 125 °C
120
C
M34C127(1)025(2)ZSS
1.3
25
1.0
5.0
- 42
+ 8
+ 12
1250
30 VDC AT + 85 °C; 20 VDC AT + 125 °C
100
C
M34C107(1)030(2)ZSS
1.3
25
1.0
5.0
- 38
+ 8
+ 12
1200
50 VDC AT + 85 °C; 30 VDC AT + 125 °C
68
C
M34C686(1)050(2)ZSS
1.5
35
1.0
5.0
- 25
+ 8
+ 15
1050
60 VDC AT + 85 °C; 40 VDC AT + 125 °C
47
C
M34C476(1)060(2)ZSS
2.0
44
1.0
5.0
- 25
+ 8
+ 12
1050
75 VDC AT + 85 °C; 50 VDC AT + 125 °C
33
C
M34C336(1)075(2)ZSS
2.5
66
1.0
5.0
- 25
+ 5
+ 9
1050
100 VDC AT + 85 °C; 65 VDC AT + 125 °C
15
C
M34C156(1)100(2)ZSS
3.5
125
1.0
5.0
- 18
+ 3
+ 10
1050
125 VDC AT + 85 °C; 85 VDC AT + 125 °C
10
C
M34C106(1)125(2)ZSS
5.5
175
1.0
5.0
- 15
+ 3
+ 10
1050
ELECTRICAL CHARACTERISTICS
ITEM
PERFORMANCE CHARACTERISTICS
Operating temperature range
- 55 °C to + 125 °C
Capacitor tolerance
± 20 %, ± 10 %, at 120 Hz
Capacitance change (maximum)
Limits per standard ratings table
ESR
Limits per standard ratings table
AC ripple current
Limits per standard ratings table
DCL (maximum leakage current)
Limits per standard ratings table
Impedance (maximum)
Limits per standard ratings table
Reverse voltage
Reverse voltage shall be in accordance with DSCC drawing 93026.
There shall be no continuous reverse voltage. Transient reverse
voltage surges are acceptable under the following conditions:
a) Peak reverse voltage is equal to or less than 1.5 V and the product
of the peak current times the duration of the reverse transient
is 0.05 A or less.
b) The repetition rate of the reverse voltage surges is less than 10 Hz.
Surge voltage
Surge voltage shall be in accordance with MIL-PRF-39006 and Table II
of DSCC93026. The DC rated surge voltage is the maximum voltage to
which the capacitors should be subjected under any conditions. This
includes transcients and ripple at the highest line voltage. The surge
voltage is 115 % of rated DC working voltage.
Life test
The capacitors shall be capable of withstanding a 2000 h life test at
85 °C at rated voltage



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com