Electronic Components Datasheet Search
  English  ▼

X  

CS5126 Datasheet(PDF) 5 Page - Cherry Semiconductor Corporation

Part # CS5126
Description  High Performance, Integrated Current Mode PWM Controllers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS5126 Datasheet(HTML) 5 Page - Cherry Semiconductor Corporation

  CS5126 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS5126 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS5126 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS5126 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS5126 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS5126 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS5126 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS5126 Datasheet HTML 8Page - Cherry Semiconductor Corporation CS5126 Datasheet HTML 9Page - Cherry Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
Block Diagram
G2
{2.65V}
2.90V
V5REF
GATE
÷
VFB
ISENSE
VCC
2.62 V/2.45V
1.91 V/1.83V
REMOTE
(SLEEP) COMP
SS
VCC UVLO COMP
7.7 V/7.275V
LINE AMP
(CS5124 ONLY)
2.9 R
R
2.0V
+
SS COMP
275mV
V
V
V
V
1.32V
+
V
{525mV}
275mV
{125mV}
60mV
V
+
+
DRIVER
490mV
VFB COMP
PWM COMP
2ND ICOMP
+
-
+
LINE UVLO COMP
RESET DOMAIN
G6
4500Ω
BIAS
UVLO
G1
V5REF
F1
R
Q
S
G7
1000Ω
BLANKING
10µA
V5REF
V5REF
V
BLANK
VCC
V
V
TSHUT
V
F2
R
Q
S
+
-
SS AMP
+
-
V
{85 mV/us}
170mV us
{1/5}
1/10
G5
OSC
RAMP
ENABLE
VCC
VREF = 5V
G3
VREFOK
SYNC
{CS5126 ONLY}
DIS
F3
R
Q
S
SET DOMAIN
SOFT START LATCH
150°C/125°C
+
Gnd
+
+
+
+
+
+
-
Theory of Operation
Powering the IC
VCC can be powered directly from a regulated supply
and requires 500µA of start-up current. The CS5124/6
includes a line bias pin (BIAS) that can be used to control a
series pass transistor for operation over a wide input volt-
age. The BIAS pin will control the gate voltage of an N-
channel MOSFET placed between VIN and VCC to regulate
VCC at 8V.
VCC and UVLO Pins
The UVLO pin has three different modes; low power shut-
down, Line UVLO, and normal operation. To illustrate
how the UVLO pin works; assume that VIN, as shown in
the application schematic, is ramped up starting at 0V with
the UVLO pin open. The SS and ISENSE pins also start at 0V.
While the UVLO is below 1.8V, the IC will remain in a low
current sleep mode and the BIAS pin of the CS5124 is inter-
nally clamped to a maximum of 15V. When the voltage on
the UVLO pin rises to between 1.8V and 2.6V the reference
for the VCC UVLO is enabled and VCC is regulated to 8V by
the BIAS pin (CS5124 only), but the IC remains in a UVLO
state and the output driver does not switch. When the
UVLO pin exceeds 2.6V and the VCC pin exceeds 7.7V, the
GATE pin is released from a low state and can begin
switching based on the comparison of the ISENSE and VFB
pins. The Soft Start capacitor begins charging from 0V at
10µA. As the capacitor charges, a buffered version of the
capacitor voltage appears on the VFB pin and the VFB volt-
age begins to rise. As VFB rises the duty cycle increases
until the supply comes into regulation.
Soft Start
Soft Start is accomplished by clamping the VFB pin 1.32V
below the SS pin during normal start up and during restart
after a fault condition. When the CS5124/6 starts, the Soft
Start capacitor is charged from a 10µA source from 0V to
4.9V. The VFB pin follows the Soft Start pin offset by –1.32V
until the supply comes into regulation or until the Soft
Start error amp is clamped at 2.9V (2.65V for the CS5126).
During fault conditions the Soft Start capacitor is dis-
charged at 10mA.
Fault Conditions
The CS5124/6 recognizes the following faults: UVLO off,
Thermal Shutdown, VREF(OK), and Second Current
Threshold. Once a fault is recognized, fault latch F2 is set
and the IC immediately shuts down the output driver and
discharges the Soft Start capacitor. Soft Start will begin
only after all faults have been removed and the Soft Start
capacitor has been discharged to less than 0.275V. Each
fault will be explained in the following sections.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com