Electronic Components Datasheet Search
  English  ▼

X  

2SA1694 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 2SA1694
Description  SILICON PNP EPITAXIAL PLANAR TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SA1694 Datasheet(HTML) 2 Page - Unisonic Technologies

  2SA1694 Datasheet HTML 1Page - Unisonic Technologies 2SA1694 Datasheet HTML 2Page - Unisonic Technologies 2SA1694 Datasheet HTML 3Page - Unisonic Technologies 2SA1694 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SA1694
PNP EPITAXIAL SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 4
www.unisonic.com.tw
QW-R214-016.C
ABSOLUTE MAXIMUM RATINGS (TA=25°C)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltage
VCBO
-120
V
Collector-Emitter Voltage
VCEO
-120
V
Emitter-Base Voltage
VEBO
-6
V
Collector Current
IC
-8
A
Base Current
IB
-3
A
Collector Power Dissipation (TC=25°C)
PC
80
W
Junction Temperature
TJ
150
°C
Storage Temperature
TSTG
-55 ~150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (TA =25°C)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Collector Cut-Off Current
ICBO
VCB=-120V
-10
µA
Emitter Cut-Off Current
IEBO
VEB=-6V
-10
µA
Collector-Emitter Breakdown Voltage
BVCEO
IC=-50mA
-120
V
DC Current Gain
hFE
VCE=-4V, IC=-3A
50
180
Collector-Emitter Saturation Voltage
VCE(SAT) IC=-3A, IB=-0.3A
-1.5
V
Current Gain Bandwidth Product
fT
VCE=-12V, IE=0.5A
20
MHz
Output Capacitance
Cob
VCB=-10V, f=1MHz
300
pF
Switching time
Turn-on time
tON
VCC=-40V, RL=10Ω, IC=-4A,
IB1=0.4A IB2=0.4A
0.14
µS
Storage time
tS
1.40
µS
Fall time
tF
0.21
µS
CLASSIFICATION OF hFE
RANK
O
P
Y
RANGE
50~100
70~140
90~180



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com