Electronic Components Datasheet Search
  English  ▼

X  

CS51311GD14 Datasheet(PDF) 1 Page - Cherry Semiconductor Corporation

Part # CS51311GD14
Description  Synchronous CPU Buck Controller for 12V and 5V Applications
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS51311GD14 Datasheet(HTML) 1 Page - Cherry Semiconductor Corporation

  CS51311GD14 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS51311GD14 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS51311GD14 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS51311GD14 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS51311GD14 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS51311GD14 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS51311GD14 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS51311GD14 Datasheet HTML 8Page - Cherry Semiconductor Corporation CS51311GD14 Datasheet HTML 9Page - Cherry Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Features
s
Synchronous Switching
Regulator Controller for
CPU VCORE
s
Dual N-Channel MOSFET
Synchronous Buck Design
s
V2
TM Control Topology
s
200ns Transient Loop
Response
s
5-bit DAC with 1.2% Tolerance
s
Hiccup Mode Overcurrent
Protection
s
40ns Gate Rise and Fall Times
(3.3nF load)
s
65ns Adaptive FET
Non-overlap Time
s
Adaptive Voltage Positioning
s
Power-Good Output Monitors
Regulator Output
s
VCC Monitor Provides Under
Voltage Lockout
s
Enable Through use of the
COMP pin
Package Options
Synchronous CPU Buck Controller
for 12V and 5V Applications
CS51311
Description
Application Diagram
VOUT
VID0
VID1
VID2
VID3
VCC
VID4
VFB
COMP
COFF
PWRGD
Gnd
GATE(L)
GATE(H)
1
14 Lead SO Narrow
1
Pentium is a registered trademark of Intel Corporation.
A
Company
®
V2 is a trademark of Switch Power, Inc.
Rev. 3/11/99
Cherry Semiconductor Corporation
2000 South County Trail, East Greenwich, RI 02818
Tel: (401)885-3600 Fax: (401)885-5786
Email: info@cherry-semi.com
Web Site: www.cherry-semi.com
The CS51311 is a synchronous dual
NFET Buck Regulator Controller. It is
designed to power the core logic of
the latest high performance CPUs. It
uses the V2
TM control method to
achieve the fastest possible transient
response and best overall regulation.
It incorporates many additional fea-
tures required to ensure the proper
operation and protection of the CPU
and Power system. The CS51311 pro-
vides the industry’s most highly inte-
grated solution, minimizing external
component count, total solution size,
and cost.
The CS51311 is specifically designed
to power Intel’s Pentium® II processor
and includes the following features:
5-bit DAC with 1.2% tolerance,
Power-Good output, over-current
hiccup mode protection, VCC monitor,
soft start, adaptive voltage position-
ing, adaptive FET non-overlap time,
and remote sense. The CS51311 will
operate over an 8.4V to 14V range
and is available in 14 lead narrow
body surface mount package.
680pF
GATE(H)
GATE(L)
VFB
VOUT
10K
1200µF/10V
x3
3.3mΩ
1.2µH
FS70VSJ-03
FS70VSJ-03
510Ω
0.1µF
510Ω
1200µF/10V
x5
VCC(CORE)
2.0V@19A
+5V
+12V
VID0
VID1
VID2
VID3
VID4
PWRGD
COFF
Gnd
VCC
COMP
PWRGD
0.01
µF
1µF
100Ω
0.1
µF


Similar Part No. - CS51311GD14

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS51311GD14 ONSEMI-CS51311GD14 Datasheet
539Kb / 21P
Synchronous CPU Buck Controller for 12 V and 5.0 V Applications
July, 2006 ??Rev. 3
More results

Similar Description - CS51311GD14

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS51312 CHERRY-CS51312 Datasheet
276Kb / 18P
Synchronous CPU Buck Controller for 12V Only Applications
Rev. 3/11/99
logo
Eutech Microelectronics...
EUP6514 EUTECH-EUP6514 Datasheet
379Kb / 12P
5V/12V Synchronous Buck PWM Controller
logo
Anpec Electronics Corop...
APW8725A ANPEC-APW8725A Datasheet
417Kb / 20P
5V to 12V Synchronous Buck Controller
logo
Cystech Electonics Corp...
EM5303QP CYSTEKEC-EM5303QP Datasheet
507Kb / 12P
5V/12V Synchronous Buck PWM Controller
logo
uPI Group Inc.
UP9303 UPI-UP9303 Datasheet
260Kb / 18P
5V/12V Synchronous-Rectified Buck Controller
UP9305 UPI-UP9305 Datasheet
313Kb / 16P
5V/12V Synchronous-Rectified Buck Controller
UP1542 UPI-UP1542 Datasheet
325Kb / 17P
5V/12V Synchronous-Rectified Buck Controller
logo
Anpec Electronics Corop...
APW7165 ANPEC-APW7165 Datasheet
414Kb / 20P
5V to 12V Synchronous Buck Controller
logo
Excelliance MOS Corp.
EM5301 EXCELLIANCE-EM5301 Datasheet
496Kb / 13P
5V/12V Synchronous Buck PWM Controller
EM5303 EXCELLIANCE-EM5303 Datasheet
387Kb / 11P
5V/12V Synchronous Buck PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com