Electronic Components Datasheet Search
  English  ▼

X  

KBJ8 Datasheet(PDF) 1 Page - Nell Semiconductor Co., Ltd

Part # KBJ8
Description  Glass Passivated Single-Phase Bridge Rectifier, 8A
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

KBJ8 Datasheet(HTML) 1 Page - Nell Semiconductor Co., Ltd

  KBJ8 Datasheet HTML 1Page - Nell Semiconductor Co., Ltd KBJ8 Datasheet HTML 2Page - Nell Semiconductor Co., Ltd KBJ8 Datasheet HTML 3Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES
UL recognition file number E320098
Small volume, light weight
Typical IR less than 2.0 µA
TYPICAL APPLICATIONS
General purpose use in AC/DC bridge full wave
Epoxy meets UL 94 V-O flammability rating
PRIMARY CHARACTERRISTICS
IF(AV)
Weight: 4.0g (0.14 ozs)
8A
VRRM
400V to 1200V
1.10V
5 µA
150ºC
IFSM
IR
VF
SEMICONDUCTOR
RoHS
RoHS
Page 1 of 3
Glass Passivated Single-Phase Bridge Rectifier, 8A
Nell High Power Products
Compliant to RoHS
High surge current capability
Low thermal resistance
Small thermal resistance
rectification for big power supply, field supply for DC motor,
industrial automation applications.
ADVANTAGE
TJ max.
200A
KBJ8 Series
KBJ804 Thru KBJ812
Isolation voltage up to 2500V
International standard package
High heat-conduction rate
Low temperature rise
All dimensions in millimeters
www.nellsemi.com
+
~
~
High temperature soldering guaranteed : 260°C/10 second, 2.3kg tension force
25.00±0.30
7.50±0.20
Ø3.30
+0.10
-0.20
1.00
+0.07
-0.04
+
~
~
3.60±0.20
0.65±0.01
4.60±0.20
3.00±0.20
7.50±0.20
7.50±0.20


Similar Part No. - KBJ8

ManufacturerPart #DatasheetDescription
logo
RFE international
KBJ8005 RFE-KBJ8005 Datasheet
341Kb / 2P
BRIDGE RECTIFIERS 3.0 to 6.0 Amps
logo
Shenzhen Luguang Electr...
KBJ8005 LUGUANG-KBJ8005 Datasheet
142Kb / 2P
Silicon Bridge Rectifiers
logo
Nanjing International G...
KBJ8005 DGNJDZ-KBJ8005 Datasheet
158Kb / 2P
SINGLE PHASE 8.0 AMPS GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Chongqing Pingwei Enter...
KBJ8005 CHONGQING-KBJ8005 Datasheet
203Kb / 2P
SINGLE PHASE8.0AMPS.GLASS PASSIVATED BRIDGE RECTIFIERS
KBJ8005 CHONGQING-KBJ8005 Datasheet
203Kb / 2P
SINGLE PHASE8.0AMPS.GLASS PASSIVATED BRIDGE RECTIFIERS
More results

Similar Description - KBJ8

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
GBU6A ZOWIE-GBU6A Datasheet
54Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
General Semiconductor
2KBP005M GE-2KBP005M Datasheet
79Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
GBPC6 VISHAY-GBPC6 Datasheet
84Kb / 3P
Glass Passivated Single-Phase Bridge Rectifier
10-Dec-04
3KBP005M VISHAY-3KBP005M Datasheet
93Kb / 3P
Glass Passivated Single-Phase Bridge Rectifier
03-Dec-04
G2SB60 VISHAY-G2SB60 Datasheet
32Kb / 2P
Glass Passivated Single-Phase Bridge Rectifier
21-Mar-02
KBP005M VISHAY-KBP005M Datasheet
96Kb / 3P
Glass Passivated Single-Phase Bridge Rectifier
03-Dec-04
logo
TAITRON Components Inco...
TU800G TAITRON-TU800G Datasheet
194Kb / 4P
8A Glass Passivated Bridge Rectifier
logo
Nell Semiconductor Co.,...
GBU8 NELLSEMI-GBU8 Datasheet
159Kb / 3P
Glass Passivated Single-Phase Bridge Rectifier, 8A
logo
Chip Integration Techno...
GBJ8005 CITC-GBJ8005 Datasheet
94Kb / 3P
8A Miniature Glass Passivated Single-Phase Bridge Rectifiers
GBU8005 CITC-GBU8005 Datasheet
103Kb / 3P
8A Miniature Glass Passivated Single-Phase Bridge Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com