Electronic Components Datasheet Search
  English  ▼

X  

CS51313GD16 Datasheet(PDF) 18 Page - Cherry Semiconductor Corporation

Part # CS51313GD16
Description  Synchronous CPU Buck Controller Capable of Implementing Multiple Linear Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS51313GD16 Datasheet(HTML) 18 Page - Cherry Semiconductor Corporation

Back Button CS51313GD16 Datasheet HTML 12Page - Cherry Semiconductor Corporation CS51313GD16 Datasheet HTML 13Page - Cherry Semiconductor Corporation CS51313GD16 Datasheet HTML 14Page - Cherry Semiconductor Corporation CS51313GD16 Datasheet HTML 15Page - Cherry Semiconductor Corporation CS51313GD16 Datasheet HTML 16Page - Cherry Semiconductor Corporation CS51313GD16 Datasheet HTML 17Page - Cherry Semiconductor Corporation CS51313GD16 Datasheet HTML 18Page - Cherry Semiconductor Corporation CS51313GD16 Datasheet HTML 19Page - Cherry Semiconductor Corporation CS51313GD16 Datasheet HTML 20Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
For most PCBs the copper thickness, t, is 35µm (1.37 mils)
for one ounce copper; ρ = 717.86µΩ-mil.
For a CPU load of 16A the resistance needed to create a
50mV drop at full load is:
RDROOP =
=
= 3.1mΩ.
The resistivity of the copper will drift with the temperature
according to the following guidelines:
∆R = 12% @ TA = +50˚C;
∆R = 34% @TA = +100˚C.
Droop Resistor Length, Width, and Thickness
The minimum width and thickness of the droop resistor
should primarily be determined on the basis of the current-
carrying capacity required, and the maximum permissible
droop resistor temperature rise. PCB manufacturer design
charts can be used in determining current- carrying capaci-
ty and sizes of etched copper conductors for various tem-
perature rises above ambient.
For single conductor applications, such as the use of the
droop resistor, PCB design charts show that for a droop
resistor with a required current-carrying capacity of 16A,
and a 45˚C temperature rise above ambient, the recom-
mended cross section is 275 mil2.
W × t = 275 mil2,
where
W = droop resistor width;
t = droop resistor thickness.
For 1oz. copper, t= 1.37 mils, therefore W = 201 mils =
0.201 in.
R = ρ ×
,
where
R = droop resistor value;
ρ = 0.71786mΩ-mil (1 oz. copper);
L = droop resistor length;
W = droop resistor width.
RDROOP = 3.3mΩ.
3.3mΩ = 0.71786mΩ-mil ×
.
Hence, L = 1265 mils = 1.265 in.
In layouts where it is impractical to lay out a droop resistor
in a straight line 1265 mils long, the embedded PCB trace
can be “snaked” to fit within the available space.
Thermal Considerations for Power MOSFETs
In order to maintain good reliability, the junction tempera-
ture of the semiconductor components should be kept to a
maximum of 150°C or lower. The thermal impedance
(junction to ambient) required to meet this requirement
can be calculated as follows:
Thermal Impedance =
A heatsink may be added to TO-220 components to reduce
their thermal impedance. A number of PC board layout
techniques such as thermal vias and additional copper foil
area can be used to improve the power handling capability
of surface mount components.
As a consequence of large currents being turned on and off
at high frequency, switching regulators generate noise as a
consequence of their normal operation. When designing
for compliance with EMI/EMC regulations, additional
components may be added to reduce noise emissions.
These components are not required for regulator operation
and experimental results may allow them to be eliminated.
The input filter inductor may not be required because bulk
filter and bypass capacitors, as well as other loads located
on the board will tend to reduce regulator di/dt effects on
the circuit board and input power supply. Placement of the
power component to minimize routing distance will also
help to reduce emissions.
When laying out the CPU buck regulator on a printed cir-
cuit board, the following checklist should be used to
ensure proper operation of the CS51313.
1) Rapid changes in voltage across parasitic capacitors and
abrupt changes in current in parasitic inductors are major
concerns for a good layout.
2) Keep high currents out of sensitive ground connections.
3) Avoid ground loops as they pick up noise. Use star or
single point grounding.
4) For high power buck regulators on double-sided PCBs a
single ground plane (usually the bottom) is recommended.
5) Even though double sided PCBs are usually sufficient
for a good layout, four-layer PCBs are the optimum
approach to reducing susceptibility to noise. Use the two
internal layers as the power and Gnd planes, the top layer
for power connections and component vias, and the bot-
tom layer for the noise sensitive traces.
Layout Guidelines
EMI Management
TJ(MAX) - TA
Power
Thermal Management
L
201 mils × 1.37 mils
L
W × t
50mV
16A
50mV
IOUT
Application Information: continued
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com