Electronic Components Datasheet Search
  English  ▼

X  

NACS400 Datasheet(PDF) 1 Page - Nell Semiconductor Co., Ltd

Part # NACS400
Description  Air Cooled Single Phase Diode Stack
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

NACS400 Datasheet(HTML) 1 Page - Nell Semiconductor Co., Ltd

  NACS400 Datasheet HTML 1Page - Nell Semiconductor Co., Ltd NACS400 Datasheet HTML 2Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
µ ç
º ¸
» ú
Õ û
Á ÷
Ç Å
É óº Ë
¹ ¤Ò Õ
È ÕÆ Ú
É è¼ Æ
Ö ÆÍ ¼
´ ¦
Ê ý
± ê
¼ Ç
± ê
× ¼
» ¯
É ó¶ ¨
¸ ü
¸ Ä
Î Ä
¼ þ
º Å
Ç © × ÖÈ Õ
Æ Ú
-
+
AC
AC
Ï å
· ®
Ì ¨
» ù
° ë
µ ¼
Ì å
Ó Ð
Ï Þ
¹ «
Ë ¾
µ Ú
Õ Å
° æ ± ¾ º Å Ö Ø Á ¿
¹ ²
Õ Å
2005
UDQ-1C
± È À ý
-
+
Part Number
Io ( Ta=45 C )
Vfm
IRRM
VRRM
V
C
V
mA
A
NACS-200
NACS-300
NACS-400
NACS-500
200
300
400
500
500
500
500
500
6
5
8
10
1.3
1.3
1.3
1.3
60
65
80
85
Mounting Base Torque > 12.5 Nm
Tstg : - 40~160 C
Tjm= 3 m/s
70
1.3
7
500
350
NACS-350
Tjm
OUTLINE
SEMICONDUCTOR
NACS Series RoHS
RoHS
NACS200~NACS500
Air Cooled Single Phase Diode Stack
FEATURES
Easy connnection
Current rating : 200A-500A / 500V
Stack of higher voltage are available
Upon request
Air-cooling fixture
APPLICATION
Welder


Similar Part No. - NACS400

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NACS470K104X5.5TR13F NIC-NACS470K104X5.5TR13F Datasheet
109Kb / 1P
Surface Mount Aluminum Electrolytic Capacitors
NACS470K105X5.5 NIC-NACS470K105X5.5 Datasheet
109Kb / 1P
Surface Mount Aluminum Electrolytic Capacitors
NACS470K106.3X5.5TR13F NIC-NACS470K106.3X5.5TR13F Datasheet
109Kb / 1P
Surface Mount Aluminum Electrolytic Capacitors
NACS470K164X5.5TR13F NIC-NACS470K164X5.5TR13F Datasheet
109Kb / 1P
Surface Mount Aluminum Electrolytic Capacitors
NACS470K165X5.5 NIC-NACS470K165X5.5 Datasheet
109Kb / 1P
Surface Mount Aluminum Electrolytic Capacitors
More results

Similar Description - NACS400

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
1B4B42 TOSHIBA-1B4B42 Datasheet
132Kb / 2P
RECTIFIER STACK (SINGLE PHASE BRIDGE RECTIFIER APPLICATIONS)
02-Dec-1996
1Q4B42 TOSHIBA-1Q4B42 Datasheet
74Kb / 1P
RECTIFIER STACK (SINGLE PHASE BRIDGE RECTIFIER APLICATIONS)
02-Dec-1996
logo
Hamamatsu Corporation
L8998 HAMAMATSU-L8998 Datasheet
387Kb / 4P
AIR-COOLED VUV LIGHT SOURCE UNIT
logo
List of Unclassifed Man...
4053-A ETC2-4053-A Datasheet
122Kb / 2P
SINGLE ENDED WATER COOLED TRIODE
logo
Communications & Power ...
4CM2500KG CPI-4CM2500KG_11 Datasheet
2Mb / 14P
MULTI-PHASE COOLED POWER TETRODE
logo
Nell Semiconductor Co.,...
NACS200 NELLSEMI-NACS200 Datasheet
154Kb / 2P
Air Cooled Single Phase Diode Stack
NACS300 NELLSEMI-NACS300 Datasheet
154Kb / 2P
Air Cooled Single Phase Diode Stack
NACS350 NELLSEMI-NACS350 Datasheet
154Kb / 2P
Air Cooled Single Phase Diode Stack
NACS500 NELLSEMI-NACS500 Datasheet
154Kb / 2P
Air Cooled Single Phase Diode Stack
logo
Naina Semiconductor ltd...
NRQ108 NAINA-NRQ108 Datasheet
210Kb / 2P
Single phase rectifier stack (with press-fit diodes), 108 Amps
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com